Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2B6M4SL Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # DF2B6M4SL
Description  This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6M4SL Datasheet(HTML) 3 Page - Toshiba Semiconductor

  DF2B6M4SL Datasheet HTML 1Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 2Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 3Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 4Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 5Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 6Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 7Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DF2B6M4SL
2015-09-29
3
Characteristics Curves (Note)
0
0.1
0.2
0.3
0.4
0.5
1000
10000
Note: The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
Ct - VR
Ct - f
0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
Ta=25℃, f = 1MHz
Reverse voltage VR (V)
VR=0V, Ta=25℃
Frequency f (MHz)
IR - VR
I - V
Reverse voltage VR (V)
Ta=25℃
Voltage V
(V) →
-10
-8
-6
-4
-2
0
2
4
6
8
10
-10 -8
-6
-4
-2
0
2
4
6
8
10
Voltage V (V) →
Ta=25℃
Ta=100℃
25℃
50℃
75℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com