Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2B6M4SL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF2B6M4SL
Description  This product is designed for protection against electrostatic discharge and is not intended for any other purpose, including, but not limited to, voltage regulation.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B6M4SL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF2B6M4SL Datasheet HTML 1Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 2Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 3Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 4Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 5Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 6Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 7Page - Toshiba Semiconductor DF2B6M4SL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DF2B6M4SL
2015-09-29
2
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse stand-off voltage
VRWM
―
―
―
5.5
V
Reverse breakdown voltage
VBR
IBR = 1 mA
5.6
6.2
8
V
Reverse current
IR
VRWM = 5.5 V
―
―
0.1
A
Clamping Voltage
Vc
IPP=1A (Note1)
―
8.5
―
V
Vc
IPP=2A (Note1)
―
10
15
V
Clamping Voltage
Vc
ITLP=16A (Note2)
―
18
―
V
Vc
ITLP=30A (Note2)
―
25
―
V
Dynamic resistance
RDYN
(Note2)
―
0.5
―
Ω
Total capacitance
Ct
VR  0 V, f  1 MHz (Note3)
―
0.2
0.3
pF
Note1:Based on IEC61000-4-5 8/20μs pulse.
Note2:TLP parameter: Z0 = 50 Ω , tp = 100ns, tr = 300ps, averaging window: t1 = 30 ns to t2 = 60 ns,
extraction of dynamic resistance using least squares fit of TLP characteristics between IPP1 = 8A and IPP2 = 16A.
Note3:Guaranteed by design.
Equivalent Circuit (Top View)
Marking
Land Pattern Dimensions for Reference Only(Unit:mm)
Pin1 Mark
1
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com