Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB65S Datasheet(PDF) 4 Page - SL Power Electronics

Part # MB65S
Description  65W Single Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S Datasheet(HTML) 4 Page - SL Power Electronics

  MB65S Datasheet HTML 1Page - SL Power Electronics MB65S Datasheet HTML 2Page - SL Power Electronics MB65S Datasheet HTML 3Page - SL Power Electronics MB65S Datasheet HTML 4Page - SL Power Electronics MB65S Datasheet HTML 5Page - SL Power Electronics MB65S Datasheet HTML 6Page - SL Power Electronics MB65S Datasheet HTML 7Page - SL Power Electronics MB65S Datasheet HTML 8Page - SL Power Electronics MB65S Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
4
Isolation Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Input/Ground
Input/Output
Output/Ground
1 MOPP
2 MOPP
1 MOPP
Electric Strength Test Voltage
Input/Ground
Input/Output
Output/Ground
1900
4500
1900
-
-
Vac
Vac
Vac
Mechanical Drawing
Connector Information
Input Connector
J1
DC Output
Connector
J2
Ground Connector
G1
Signal Connector
J3
PIN 1) AC Line
PIN 2) Empty (removed)
PIN 3) AC Neutral
Pin 1) (+V1)
Pin 2) (+V1)
Pin 3) (RTN)
Pin 4) (RTN)
FG
0.187” Quick-
connect tab
PIN 1) RTN
PIN 2) DC_OK
Pin 3) TEMP SEMSOR (+)
Pin 4) TEMP SEMSOR (-)
Mating Connector:
Tyco/AMP 640250-3
Pins: 640252-2
Mating Connector:
Tyco/AMP 640250-4
Pins: 640252-2
Mating Connector:
Molex 01-90020005
Mating Connector:
Tyco/AMP 1375820-4
Pins: 1375819



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com