Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB65S Datasheet(PDF) 3 Page - SL Power Electronics

Part # MB65S
Description  65W Single Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S Datasheet(HTML) 3 Page - SL Power Electronics

  MB65S Datasheet HTML 1Page - SL Power Electronics MB65S Datasheet HTML 2Page - SL Power Electronics MB65S Datasheet HTML 3Page - SL Power Electronics MB65S Datasheet HTML 4Page - SL Power Electronics MB65S Datasheet HTML 5Page - SL Power Electronics MB65S Datasheet HTML 6Page - SL Power Electronics MB65S Datasheet HTML 7Page - SL Power Electronics MB65S Datasheet HTML 8Page - SL Power Electronics MB65S Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
3
General Specifications (Continued)
Overshoot
<2% overshoot at turn-on, <1% overshoot at turn-
off, under all conditions.
IPC 610
Class 2
HF Common Mode
Noise
0.8 Vrms maximum (input class I)
Safety Standards
IEC 60601-1, 3
rd Edition
ANSI/AAMI ES60601-1 (2008)
CAN/CSA – C22.2 No 60601-1 (2005)
DEMKO EN60601-1:2006
Designed to meet China Safety Doc. No. GB4943.1-
2011 at 5Km, Tropical Standard at 40°C, 93% RH at
120 hours.
Total Regulation
±1.0 % for all models.
Weight
140g, typical
Minimum Load
Not required.
Dimensions
W: 2.0” x L: 3.5” x H: 1.3”
W: 50.8mm x L: 88.9mm x H: 33.02mm
Additional Outputs
DC OK:
During normal operation, this signal is logic HIGH.
Signal will go LOW for output less than
80%
(typical) of nominal. Green LED will light on PCB
top side during normal operation.
PSU Temperature
Provides resistive value indicating internal
temperature of power supply. See Temp Sensor
Conversion Table below.
EMI/EMC Compliance
Conducted Emissions
EN55011/22: Class B, FCC Part 15. Class B: 6db margin typ, Class 1 PSU
configuration
EN55011/ 22: Class B, FCC Part 15. Class B: 2db margin typ, Class 2 PSU
configuration
Radiated Emissions
EN55011/22: Class B, FCC Part 15. Class B: 3db margin typ, Class 1 PSU
configuration.
EN55011/22: Class B, FCC Part 15. Class B: 3db margin typ, Class 2 PSU
configuration.
Harmonic Current Emissions
IEC61000-3-2: Class A
Voltage Fluctuations & Flicker
IEC 61000-3-3
Electro Static Discharge Immunity
IEC61000-4-2: Level 4, 8kV Contact Discharge, 15kV air discharge, Criteria A.
Also meets proposed IEC60601-1-2, 4
th edition, Table 4
Radiated RF EM Fields Susceptibility
IEC61000-4-3: Level 3, 10V/m, Criteria A. 80MHz-1000 MHz and 3V/m 1.4Ghz
to 2.7 GHz. 80% AM at 1kHz. Also meets proposed IEC60601-1-2, 4
th edition,
Table 4
Proximity Fields from RF wireless communications Equipment
[IEC60601-1-2: 4
th edition, Table 4]
Rated Power Frequency magnetic fields
IEC61000-4-8: Level 5, 30A/m, 50/60 Hz
Low Frequency magnetic fields
[TBD]
Electrical Fast Transients /Bursts
IEC61000-4-4: Level 3, 2KV, 100Khz rep rate, 40A (PS Output), Criteria A
IEC61000-4-4: Level 3, 1kV, 20A, (Other Outputs), Criteria B
Also meets proposed IEC60601-1-2, 4th edition standard, Table 5 & 6.
Surges Line to Line (DM) and Line to Ground (CM)
IEC61000-4-5: Level 3, +/-1kV DM, +/-2kV CM, Criteria A
Also meets proposed IEC60601-1-2, 4th edition standard, Table 5.
Conducted Disturbances induced by RF Fields
IEC61000-4-6: 3V/m & 10 V/m – 0.15 to 80Mhz and 10V/m in ISM and amateur
radio bands between 0.15 MHz and 80 MHz, 80% AM at 1 KHz
Also meets proposed IEC60601-1-2, 4th edition standard, Table 5 & 6 & 8.
Rated Power Frequency Magnetic Fields Test
IEC61000-4-8: Level 4 (30A/m), Criteria A
Also meets proposed IEC60601-1-2, 4
th edition standard, Table 4 enclosure port.
Voltage Dips
IEC61000-4-11: 100% dip for 10mS, at 0°, 45°, 90°, 135°, 180°, 225°, 270° and
315°, Criteria A; 60% dip for 100mS, Criteria B; 30% dip for 500mS (25/30 cycles)
1
∅, and 0° for 500mS, Criteria A. Also meets proposed IEC60601-1-2, 4
th edition
standard, Table 5.
Enclosure Port Immunity to RF wireless
communications equipment
IEC61000-4-3
Notes: Performance criteria are based on definitions contained in EN55024. Performance criteria are:
A – Normal performance during and after the test, B – Temporary degradation, self-recoverable, C – Temporary degradation, operator intervention required to recover the operation, D – Permanent
damage may occur



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com