Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB65S Datasheet(PDF) 10 Page - SL Power Electronics

Part # MB65S
Description  65W Single Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S Datasheet(HTML) 10 Page - SL Power Electronics

Back Button MB65S Datasheet HTML 2Page - SL Power Electronics MB65S Datasheet HTML 3Page - SL Power Electronics MB65S Datasheet HTML 4Page - SL Power Electronics MB65S Datasheet HTML 5Page - SL Power Electronics MB65S Datasheet HTML 6Page - SL Power Electronics MB65S Datasheet HTML 7Page - SL Power Electronics MB65S Datasheet HTML 8Page - SL Power Electronics MB65S Datasheet HTML 9Page - SL Power Electronics MB65S Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
10
6.6 Output Overload Characteristic
Supply protects itself against overload conditions. The Power Supply recovers from Overload Conditions
without operator intervention.
12v out, 100Vac
12V out, 240Vac
6.7 Turn-On Time
12v out, FULL Load, 115Vac
12V out, Full Load, 230Vac
Data Sheet © 2014 SL Power Electronics Corp. The information and specifications contained herein are believed to be
correct at the time of publication. However, SL Power accepts no responsibility for consequences arising from
reproduction errors or inaccuracies. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com