Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB65S Datasheet(PDF) 8 Page - SL Power Electronics

Part # MB65S
Description  65W Single Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB65S Datasheet(HTML) 8 Page - SL Power Electronics

Back Button MB65S Datasheet HTML 2Page - SL Power Electronics MB65S Datasheet HTML 3Page - SL Power Electronics MB65S Datasheet HTML 4Page - SL Power Electronics MB65S Datasheet HTML 5Page - SL Power Electronics MB65S Datasheet HTML 6Page - SL Power Electronics MB65S Datasheet HTML 7Page - SL Power Electronics MB65S Datasheet HTML 8Page - SL Power Electronics MB65S Datasheet HTML 9Page - SL Power Electronics MB65S Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MB65S
65W Single Output
Medical Series
www.slpower.com
MB65S Aug -14
8
86.0%
87.0%
88.0%
89.0%
90.0%
91.0%
Load(% of rated)
115V 12V
230V 12V
115V 15V
230V 15V
115V 24V
230V 24V
115V 48V
230V 48V
86.0%
87.0%
88.0%
89.0%
90.0%
91.0%
92.0%
Load(% of rated)
115V 12V
230V 12V
115V 15V
230V 15V
115V 24V
230V 24V
115V 48V
230V 48V
6.3 Efficiency vs. Loading
The charts below detail the MB65 efficiency vs input voltage and output loading conditions at 25°C, 50°C and
70°C under de-rated power.
25°C ambient
50°C Ambient
70°C
Ambient
6.4 Ripple & Noise
Measured using a scope probe socket with 0.1µF ceramic and a 10µF electrolytic capacitor connected in
parallel across it. Bandwidth limit is 20MHz.
12V OUT, NO LOAD, 85VAC, 60HZ
12V OUT, FULL LOAD, 85VAC, 60HZ
86.0%
87.0%
88.0%
89.0%
90.0%
91.0%
Load(% of rated)
115V 12V
230V 12V
115V 15V
230V 15V
115V 24V
230V 24V
115V 48V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com