Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5533B Datasheet(PDF) 22 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 18Page - Microchip Technology USB5533B Datasheet HTML 19Page - Microchip Technology USB5533B Datasheet HTML 20Page - Microchip Technology USB5533B Datasheet HTML 21Page - Microchip Technology USB5533B Datasheet HTML 22Page - Microchip Technology USB5533B Datasheet HTML 23Page - Microchip Technology USB5533B Datasheet HTML 24Page - Microchip Technology USB5533B Datasheet HTML 25Page - Microchip Technology USB5533B Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
USB5533B
DS00001680C-page 22
 2012 - 2015 Microchip Technology Inc.
4.4.2
POLY-FUSE
An alternate method of downstream power control is to utilize poly-fuse devices. In this configuration, the poly-fuse
devices are used to report overcurrent conditions to the USB5533B through the OCS input, as shown in Figure 4-13.
4.5
Charging Port Configurations
The device can also be configured to operate as a charging port for one or more downstream ports. Ganged port power
control and/or overcurrent is not supported if any of the downstream ports are configured as charging ports. If a port is
configured to support a charging port mode, either a standard port power controller or a UCS1002 may be implemented.
For more information on charging port support, refer to Section 5.1, "Charging Port Configuration," on page 24.
4.5.1
PORT POWER CONTROLLER
The only special limitation of using the device as a charging port is that the port power controller must be capable of the
higher current to support the charging port modes. Refer to Section 4.4.1, "Port Power Controller," on page 20 for more
information on this implementation.
4.5.2
UCS1002
Using a UCS1002 device as a downstream port power controller is only supported on ports that are enabled as charging
ports.
If the UCS1002 is implemented, the USB5533B communicates with all of the implemented UCS1002 ports over SMBus
using one of the PRT_CTLx/OCSx signals as the SMCLK/SMDAT. Additionally, DYNCPDIS_N becomes the UCS_SM-
BALERT_N signal. Multiple UCS1002 devices may be connected to the SMBus in parallel.
After reset, for any enabled charging ports, the USB5533B performs SMBus commands on the configured
PRT_CTLx/OCSx signals and checks UCS1002 devices at specific addresses (see Table 4-1) to confirm which ports
are utilizing UCS1002 devices as the downstream power controllers.
FIGURE 4-13:
POLY-FUSE IMPLEMENTATION
TABLE 4-1:
UCS1002 ADDRESS MAPPING
Port
Address
1
0x30
2
0x31
3
0x32
OCS
USB
Device
5V
Poly Fuse
USB553x
10k
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com