Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5533B Datasheet(PDF) 34 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 30Page - Microchip Technology USB5533B Datasheet HTML 31Page - Microchip Technology USB5533B Datasheet HTML 32Page - Microchip Technology USB5533B Datasheet HTML 33Page - Microchip Technology USB5533B Datasheet HTML 34Page - Microchip Technology USB5533B Datasheet HTML 35Page - Microchip Technology USB5533B Datasheet HTML 36Page - Microchip Technology USB5533B Datasheet HTML 37Page - Microchip Technology USB5533B Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
USB5533B
DS00001680C-page 34
 2012 - 2015 Microchip Technology Inc.
5.5.4.7
Port Power Status (81h)
Data1 of the memory is written by the SMBus master and after the command is executed Data 2-6 will be populated
with the status of each port. A ‘1’ means the port power is enabled, a ‘0’ means the port power is disabled.
Data1 is a port mask where each bit represents the port status to return. Bit 0 is the upstream port, bit 1 is the down-
stream port 1, etc.
5.5.4.8
Port Force Disable (82h)
Data1 of the memory is the port mask and Data 2-6 is the port disable state requested.
Data1 is a port mask where each bit represents the port status to return. Bit 0 is the upstream port, bit 1 is the down-
stream port 1, etc.
The port disable byte will be interpreted as follows:
5.5.4.9
Port DP/DM Status (83h)
Data1 of the memory is written by the SMBus master and after the command is executed Data 2-6 will be populated
with the status of each port.
Data1 is a port mask where each bit represents the port status to return. Bit 0 is the upstream port, bit 1 is the down-
stream port 1, etc.
The port DP/DM status byte can be interpreted as follows:
1
USB2_CONNECT
R
0 = No USB2 connection detected. (HS/FS/LS)
1 = USB2 connection detected.
0
USB3_CONNECT
R
0 = No USB3 connection detected.
1 = USB3 connection detected.
TABLE 5-10:
HUB INFORMATION
PORT_DISABLE
(0X82)
Port Disable
Bit
Name
R/W
Description
7
OVERWRITE
W
If this bit is 1 then the data in bits 2:0 will be overwritten.
6:3
Reserved
W
Reserved
2
FORCE_OFF
W
0 = Port Power controlled by hub.
1 = Port Power forced off.
1
USB3_TERM_DIS
W
0 = USB3 Terminations controlled by hub.
1 = USB3 Terminations disabled.
0
USB2_TERM_DIS
W
0 = USB2 Terminations controlled by hub.
1 = USB2 Terminations disabled.
TABLE 5-11:
PORT DP/DM STATUS
PORT_DPDM
(0X83)
Port DP/DM Status
Bit
Name
R/W
Description
7:2
Reserved
W
Reserved
1
FS_DM
W
0 = DM line is below the FS threshold.
1 = DM line is above the FS threshold (LS idle state)
0
FS_DP
W
0 = DP line is below the FS threshold.
1 = DP line is above the FS threshold. (FS idle state)
TABLE 5-9:
HUB INFORMATION (CONTINUED)
PORT_CONNECT
(0X80)
Port Connect Status
Bit
Name
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com