Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5533B Datasheet(PDF) 12 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 8Page - Microchip Technology USB5533B Datasheet HTML 9Page - Microchip Technology USB5533B Datasheet HTML 10Page - Microchip Technology USB5533B Datasheet HTML 11Page - Microchip Technology USB5533B Datasheet HTML 12Page - Microchip Technology USB5533B Datasheet HTML 13Page - Microchip Technology USB5533B Datasheet HTML 14Page - Microchip Technology USB5533B Datasheet HTML 15Page - Microchip Technology USB5533B Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
USB5533B
DS00001680C-page 12
 2012 - 2015 Microchip Technology Inc.
Note 3-4
This pin has an internal pull-up only in the -6080 version. The internal pull-up is only active after the
SMBus mode (Legacy/Advanced) configuration strap has been sampled at POR or reset. The -5000
version is an “I” type buffer.
3.3
Buffer Type Descriptions
TABLE 3-3:
BUFFER TYPE DESCRIPTIONS
Buffer Type
Description
I
Input
I/O
Input/output
IPD
Input with internal weak pull-down resistor
IPU
Input with internal weak pull-up resistor
IS
Input with Schmitt trigger
O12
Output 12 mA
I/O12
Input/output buffer with 12 mA sink and 12 mA source
I/OSD12
Open drain with Schmitt trigger and 12 mA sink.
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I-R
RBIAS
I/O-U
Analog input/output defined in USB specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com