Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5533B Datasheet(PDF) 38 Page - Microchip Technology

Part # USB5533B
Description  3-Port SS/HS USB Hub Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5533B Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB5533B Datasheet HTML 34Page - Microchip Technology USB5533B Datasheet HTML 35Page - Microchip Technology USB5533B Datasheet HTML 36Page - Microchip Technology USB5533B Datasheet HTML 37Page - Microchip Technology USB5533B Datasheet HTML 38Page - Microchip Technology USB5533B Datasheet HTML 39Page - Microchip Technology USB5533B Datasheet HTML 40Page - Microchip Technology USB5533B Datasheet HTML 41Page - Microchip Technology USB5533B Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
USB5533B
DS00001680C-page 38
 2012 - 2015 Microchip Technology Inc.
5.6.1.2
Configuration Register Read Example
The following example shows how to read the Charger Detection register to find out what type of charger the hub has
connected to:
1.
Write data to the memory of the hub.
2.
Execute the Configuration Register Access command.
3.
Read back data starting at memory offset 04h, which is where the Data byte starts.
Although the device can send out 128 bytes of memory data, it isn’t necessary to read the entire set, the SMBus Master
can send a stop at any time.
TABLE 5-16:
EXAMPLE SMBUS WRITE COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
00h
Memory address 0000h.
2
00h
Memory address 0000h.
3
04h
Number of bytes to write to memory.
4
01h
Read Configuration Register.
5
01h
Reading one data bytes.
6
30h
BC Detect is in register 30E2h.
7
E2h
BC Detect is in register 30E2h.
TABLE 5-17:
CONFIGURATION REGISTER ACCESS COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
99h
Command 9937h.
2
37h
Command 9937h.
3
00h
Command Completion.
TABLE 5-18:
EXAMPLE SMBUS READ COMMAND
Byte
Value
Comments
0
5Ah
Address plus Write bit.
1
00h
Memory Address 0004h.
2
04h
Memory Address 0004h.
3
59h
Address plus Read bit.
4
80h
Device sends 128 bytes of data.
5
56h
Charging Downstream Port Detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com