Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9354 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 17Page - Microchip Technology LAN9354 Datasheet HTML 18Page - Microchip Technology LAN9354 Datasheet HTML 19Page - Microchip Technology LAN9354 Datasheet HTML 20Page - Microchip Technology LAN9354 Datasheet HTML 21Page - Microchip Technology LAN9354 Datasheet HTML 22Page - Microchip Technology LAN9354 Datasheet HTML 23Page - Microchip Technology LAN9354 Datasheet HTML 24Page - Microchip Technology LAN9354 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 21
LAN9354
TABLE 3-7:
EEPROM PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
EEPROM I2C
Serial Data
Input/Output
EESDA
VIS/VOD8
When the device is accessing an external EEPROM
this pin is the I2C serial data input/open-drain out-
put.
Note:
This pin must be pulled-up by an exter-
nal resistor at all times.
1
EEPROM I2C
Serial Clock
EESCL
VIS/VOD8
When the device is accessing an external EEPROM
this pin is the I2C clock input/open-drain output.
Note:
This pin must be pulled-up by an exter-
nal resistor at all times.
TABLE 3-8:
GPIO, LED & CONFIGURATION STRAP PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
General
Purpose I/O 7
GPIO7
VIS/VO12/
VOD12
(PU)
This pin is configured to operate as a GPIO. The pin
is fully programmable as either a push-pull output,
an open-drain output or a Schmitt-triggered input by
writing the General Purpose I/O Configuration Reg-
ister (GPIO_CFG) and the General Purpose I/O
Data & Direction Register (GPIO_DATA_DIR).
1
General
Purpose I/O 6
GPIO6
VIS/VO12/
VOD12
(PU)
This pin is configured to operate as a GPIO. The pin
is fully programmable as either a push-pull output,
an open-drain output or a Schmitt-triggered input by
writing the General Purpose I/O Configuration Reg-
ister (GPIO_CFG) and the General Purpose I/O
Data & Direction Register (GPIO_DATA_DIR).
1
LED 5
LED5
VO12/
VOD12/
VOS12
This pin is configured to operate as an LED when
the LED 5 Enable bit of the LED Configuration Reg-
ister (LED_CFG) is set. The buffer type depends on
the setting of the LED Function 2-0 (LED_FUN[2:0])
field in the LED Configuration Register (LED_CFG)
and is configured to be either a push-pull or open-
drain/open-source output. When selected as an
open-drain/open-source output, the polarity of this
pin depends upon the PHYADD strap value sam-
pled at reset.
Note:
Refer to Section 17.3, "LED Operation,"
on page 452 to additional information.
General
Purpose I/O 5
GPIO5
VIS/VO12/
VOD12
(PU)
This pin is configured to operate as a GPIO when
the LED 5 Enable bit of the LED Configuration Reg-
ister (LED_CFG) is clear. The pin is fully program-
mable as either a push-pull output, an open-drain
output or a Schmitt-triggered input by writing the
General Purpose I/O Configuration Register (GPI-
O_CFG) and the General Purpose I/O Data & Direc-
tion Register (GPIO_DATA_DIR).
PHY Address
Configuration
Strap
PHYADD
VIS
(PU)
This strap configures the default value of the Switch
PHY Address Select soft-strap. See Note 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com