Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9354 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 9Page - Microchip Technology LAN9354 Datasheet HTML 10Page - Microchip Technology LAN9354 Datasheet HTML 11Page - Microchip Technology LAN9354 Datasheet HTML 12Page - Microchip Technology LAN9354 Datasheet HTML 13Page - Microchip Technology LAN9354 Datasheet HTML 14Page - Microchip Technology LAN9354 Datasheet HTML 15Page - Microchip Technology LAN9354 Datasheet HTML 16Page - Microchip Technology LAN9354 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 13
LAN9354
3.2
Pin Descriptions
This section contains descriptions of the various LAN9354 pins. The pin descriptions have been broken into functional
groups as follows:
• LAN Port A Pin Descriptions
• LAN Port B Pin Descriptions
• LAN Port A & B Power and Common Pin Descriptions
• Switch Port 0 RMII & Configuration Strap Pin Descriptions
• I2C Management Pin Descriptions
• EEPROM Pin Descriptions
• GPIO, LED & Configuration Strap Pin Descriptions
• Miscellaneous Pin Descriptions
• JTAG Pin Descriptions
• Core and I/O Power Pin Descriptions
TABLE 3-2:
LAN PORT A PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
Port A TP TX/RX
Positive
Channel 1
TXPA
AIO
Port A Twisted Pair Transmit/Receive Positive
Channel 1. See Note 1
Port A FX TX
Positive
OLVPECL
Port A Fiber Transmit Positive.
1
Port A TP TX/RX
Negative
Channel 1
TXNA
AIO
Port A Twisted Pair Transmit/Receive Negative
Channel 1. See Note 1.
Port A FX TX
Negative
OLVPECL
Port A Fiber Transmit Negative.
1
Port A TP TX/RX
Positive
Channel 2
RXPA
AIO
Port A Twisted Pair Transmit/Receive Positive
Channel 2. See Note 1.
Port A FX RX
Positive
AI
Port A Fiber Receive Positive.
1
Port A TP TX/RX
Negative
Channel 2
RXNA
AIO
Port A Twisted Pair Transmit/Receive Negative
Channel 2. See Note 1.
Port A FX RX
Negative
AI
Port A Fiber Receive Negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com