Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9354 Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 45Page - Microchip Technology LAN9354 Datasheet HTML 46Page - Microchip Technology LAN9354 Datasheet HTML 47Page - Microchip Technology LAN9354 Datasheet HTML 48Page - Microchip Technology LAN9354 Datasheet HTML 49Page - Microchip Technology LAN9354 Datasheet HTML 50Page - Microchip Technology LAN9354 Datasheet HTML 51Page - Microchip Technology LAN9354 Datasheet HTML 52Page - Microchip Technology LAN9354 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 49
LAN9354
For both automatic and manual wake-up, the Device Ready (READY) bit will go high once the device is returned to
power savings state D0 and the PLL has re-stabilized. The PM_MODE and PM_SLEEP_EN fields in the Power Man-
agement Control Register (PMT_CTRL) will also clear at this point.
Under normal conditions, the device will wake-up within 2 ms.
6.3.5
POWER MANAGEMENT REGISTERS
6.3.5.1
Power Management Control Register (PMT_CTRL)
This read-write register controls the power management features of the device. The ready state of the device be deter-
mined via the Device Ready (READY) bit of this register.
Offset:
084h
Size:
32 bits
Note:
This register can be read while the device is in the reset or not ready / power savings states without leaving
the host interface in an intermediate state. If the host interface is in a reset state, returned data may be
invalid.
It is not necessary to read all four bytes of this register. DWORD access rules do not apply to this register.
Bits
Description
Type
Default
31:29
Power Management Mode (PM_MODE)
This register field determines the chip level power management mode that
will be entered when the Power Management Sleep Enable
(PM_SLEEP_EN) bit is set.
000: D0
001: D1
010: D2
011: D3
100: Reserved
101: Reserved
110: Reserved
111: Reserved
Writes to this field are ignored if Power Management Sleep Enable
(PM_SLEEP_EN) is also being written with a 1.
This field is cleared when the device wakes up.
R/W/SC
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com