Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9354 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 35Page - Microchip Technology LAN9354 Datasheet HTML 36Page - Microchip Technology LAN9354 Datasheet HTML 37Page - Microchip Technology LAN9354 Datasheet HTML 38Page - Microchip Technology LAN9354 Datasheet HTML 39Page - Microchip Technology LAN9354 Datasheet HTML 40Page - Microchip Technology LAN9354 Datasheet HTML 41Page - Microchip Technology LAN9354 Datasheet HTML 42Page - Microchip Technology LAN9354 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 39
LAN9354
6.2.1
CHIP-LEVEL RESETS
A chip-level reset event activates all internal resets, effectively resetting the entire device. A chip-level reset is initiated
by assertion of any of the following input events:
• Power-On Reset (POR)
• RST# Pin Reset
Chip-level reset/configuration completion can be determined by first polling the Byte Order Test Register (BYTE_TEST).
The returned data will be invalid until the Host interface resets are complete. Once the returned data is the correct byte
ordering value, the Host interface resets have completed.
The completion of the entire chip-level reset must be determined by polling the READY bit of the Hardware Configura-
tion Register (HW_CFG) or Power Management Control Register (PMT_CTRL) until it is set. When set, the READY bit
indicates that the reset has completed and the device is ready to be accessed.
With the exception of the Hardware Configuration Register (HW_CFG),Power Management Control Register (PMT_C-
TRL), Byte Order Test Register (BYTE_TEST), and Reset Control Register (RESET_CTL), read access to any internal
resources should not be done by S/W while the READY bit is cleared. Writes to any address are invalid until the READY
bit is set.
A chip-level reset involves tuning of the variable output level pads, latching of configuration straps and generation of the
master reset.
CONFIGURATION STRAPS LATCHING
During POR or RST# pin reset, the latches for the straps are open. Following the release of POR or RST# pin reset, the
latches for the straps are closed.
VARIABLE LEVEL I/O PAD TUNING
Following the release of the POR or RST# pin resets, a 1 uS pulse (active low), is sent into the VO tuning circuit. 2 uS
later, the output pins are enabled. The 2 uS delay allows time for the variable output level pins to tune before enabling
the outputs and also provides input hold time for strap pins that are shared with output pins.
MASTER RESET AND CLOCK GENERATION RESET
Following the enabling of the output pins, the reset is synchronized to the main system clock to become the master
reset. Master reset is used to generate the local resets and to reset the clocks generation.
6.2.1.1
Power-On Reset (POR)
A power-on reset occurs whenever power is initially applied to the device or if the power is removed and reapplied to
the device. This event resets all circuitry within the device. Configuration straps are latched and EEPROM loading is
performed as a result of this reset. The POR is used to trigger the tuning of the Variable Level I/O Pads as well as a
chip-level reset.
I2C Master
XX
X
GPIO/LED Controller
XX
X
General Purpose Timer
XX
X
Free Running Counter
XX
X
System CSR
XX
X
Config. Straps Latched
YES
YES
NO(4)
EEPROM Loader Run
YES
YES
YES
Tristate Output Pins(
5)
YES
YES
RST# Pin Driven Low
TABLE 6-1:
RESET SOURCES AND AFFECTED DEVICE FUNCTIONALITY (CONTINUED)
Module/
Functionality
POR
RST#
Pin
Digital
Reset
Note
1:
POR is performed by the XTAL voltage regulator, not at the system level
2:
POR is performed internal to the voltage regulators
3:
POR is performed internal to the PHY
4:
Strap inputs are not re-latched, however Soft-straps are returned to their previously latched pin defaults before they
are potentially updated by the EEPROM values.
5:
Only those output pins that are used for straps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com