Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250I Datasheet(PDF) 22 Page - Microchip Technology

Part # USB2250I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250I Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB2250I Datasheet HTML 18Page - Microchip Technology USB2250I Datasheet HTML 19Page - Microchip Technology USB2250I Datasheet HTML 20Page - Microchip Technology USB2250I Datasheet HTML 21Page - Microchip Technology USB2250I Datasheet HTML 22Page - Microchip Technology USB2250I Datasheet HTML 23Page - Microchip Technology USB2250I Datasheet HTML 24Page - Microchip Technology USB2250I Datasheet HTML 25Page - Microchip Technology USB2250I Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 22
 2009 - 2015 Microchip Technology Inc.
7.2.2
EEPROM DATA DESCRIPTOR
TABLE 7-1:
INTERNAL FLASH MEDIA CONTROLLER CONFIGURATIONS
Address
Register Name
Description
Internal Default Value
00h
USB_SER_LEN
USB Serial String
Descriptor Length
1Ah
01h
USB_SER_TYP
USB Serial String
Descriptor Type
03h
02h-19h
USB_SER_NUM
USB Serial Number
"000000225001"
(See Note 7-1)
1Ah-1Bh
USB_VID
USB Vendor Identifier
0424
1Ch-1Dh
USB_PID
USB Product Identifier
2250
1Eh
USB_LANG_LEN
USB Language String Descriptor
Length
04h
1Fh
USB_LANG_TYP
USB Language String Descriptor
Type
03h
20h
USB_LANG_ID_LSB
USB Language Identifier
Least Significant Byte
09h
(See Note 7-2)
21h
USB_LANG_ID_MSB
USB Language Identifier
Most Significant Byte
04h
(See Note 7-2)
22h
USB_MFR_STR_LEN
USB Manufacturer String
Descriptor Length
10h
23h
USB_MFR_STR_TYP
USB Manufacturer String
Descriptor Type
03h
24h-31h
USB_MFR_STR
USB Manufacturer String
“Generic”
(See Note 7-1)
32h-5Dh
Reserved
-
00h
5Eh
USB_PRD_STR_LEN
USB Product String
Descriptor Length
24h
5Fh
USB_PRD_STR_TYP
USB Product String
Descriptor Type
03h
60h-99h
USB_PRD_STR
USB Product String
"Flash Card Reader"
(See Note 7-1)
9Ah
USB_BM_ATT
USB BmAttribute
80h
9Bh
USB_MAX_PWR
USB Max Power
30h (96 mA)
9Ch
ATT_LB
Attribute Lo byte
40h (Reverse SD_WP only)
9Dh
ATT_HLB
Attribute Hi Lo byte
00h
9Eh
ATT_LHB
Attribute Lo Hi byte
00h
9Fh
ATT_HB
Attribute Hi byte
00h
A0h
MS_PWR_LB
Memory Stick Device
Power Lo byte
08h
A1h
MS_PWR_HB
Memory Stick Device
Power Hi byte
00h
A2h
CF_PWR_LB
Compact Flash Device
Power Lo byte
80h
A3h
CF_PWR_HB
Compact Flash Device
Power Hi byte
00h
A4h
SM_PWR_LB
Smart Media Device
Power Lo byte
00h
A5h
SM_PWR_HB
Smart Media Device
Power Hi byte
08h
A6h
SD_PWR_LB
Secure Digital Device
Power Lo byte
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com