Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250I Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2250I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250I Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2250I Datasheet HTML 8Page - Microchip Technology USB2250I Datasheet HTML 9Page - Microchip Technology USB2250I Datasheet HTML 10Page - Microchip Technology USB2250I Datasheet HTML 11Page - Microchip Technology USB2250I Datasheet HTML 12Page - Microchip Technology USB2250I Datasheet HTML 13Page - Microchip Technology USB2250I Datasheet HTML 14Page - Microchip Technology USB2250I Datasheet HTML 15Page - Microchip Technology USB2250I Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 12
USB2250/50i/51/51i
SM Chip Enable
SM_nCE
54
O12PU
This pin is the active low chip enable signal to
the SM device.
When using the internal FET, this pin has a
weak internal pull-up resistor that is tied to the
output of the internal power FET.
If an external FET is used (internal FET is
disabled), then the internal pull-up is not
available (external pull-ups must be used).
SM Card
Detection
SM_nCD
57
I/O12
Designates as the Smart Media card detection
pin.
MEMORY STICK (MS) INTERFACE
MS Bus State
MS_BS
91
O12
This pin is connected to the bus state pin of the
MS device.
It is used to control the bus states 0, 1, 2 and 3
(BS0, BS1, BS2 and BS3) of the MS device.
MS Card Insertion
MS_INS
98
IPU
Designates as the Memory Stick card detection
pin.
MS System CLK
MS_SCLK
101
O12
This pin is an output clock signal to the MS
device. The clock frequency is software
configurable.
MS System Data
In/Out
MS_D[7:1]
100
97
93
95
99
96
92
I/O12PD
MS_D[7:1]: These pins are the bi-directional
data signals for the MS device.
MS_D2 and MS_D3 have weak pull-down
resistors. MS_D1 has a pull-down resistor if it is
in parallel mode, otherwise it is disabled.
In 4- or 8-bit parallel mode, each MS_D7:1
signal has a weak pull-down resistor.
MS System Data
In/Out
MS_D0 /
94
I/O12PD
MS_D0: This pin is one of the bi-directional data
signals for the MS device.
In serial mode, the most significant bit (MSB) of
each byte is transmitted first by either MSC or
the MS device on MS_D0, MS_D2, and MS_D3
(which have weak pull-down resistors). If
MS_D1 is in parallel mode, it has a pull-down
resistor; Otherwise, it is disabled.
In 4- or 8-bit parallel mode, the MS_D0 signal
has a weak pull-down resistor.
SECURE DIGITAL (SD) / MULTIMEDIACARD (MMC) INTERFACE
SD Data 7-0
SD_D[7:0]
13
11
19
21
22
23
10
12
I/O12PU
These pins are bi-directional data signals
SD_D0 - SD_D7 and have weak pull-up
resistors.
SD Clock
SD_CLK
18
O12
This is an output clock signal to the SD/MMC
device.
The clock frequency is software configurable.
TABLE 5-1:
USB2250/50I/51/51I 128-PIN VTQFP PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
128-Pin
VTQFP
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com