Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250I Datasheet(PDF) 33 Page - Microchip Technology

Part # USB2250I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250I Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB2250I Datasheet HTML 29Page - Microchip Technology USB2250I Datasheet HTML 30Page - Microchip Technology USB2250I Datasheet HTML 31Page - Microchip Technology USB2250I Datasheet HTML 32Page - Microchip Technology USB2250I Datasheet HTML 33Page - Microchip Technology USB2250I Datasheet HTML 34Page - Microchip Technology USB2250I Datasheet HTML 35Page - Microchip Technology USB2250I Datasheet HTML 36Page - Microchip Technology USB2250I Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 33
 2009 - 2015 Microchip Technology Inc.
8.2
Ceramic Resonator
24 MHz
 350 ppm
8.3
External Clock
50% Duty cycle
 10%, 24/48 MHz  350 ppm, Jitter < 100 ps rms.
The external clock is recommended to conform to the signaling level designated in the JESD76-2 specification on 1.8
V CMOS Logic. XTAL2 should be treated as a no connect.
FIGURE 8-3:
CERAMIC RESONATOR USAGE WITH MICROCHIP IC
XTAL1
XTAL2
1 M
24 MHz
Ceramic
Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com