Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2250I Datasheet(PDF) 26 Page - Microchip Technology

Part # USB2250I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250I Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB2250I Datasheet HTML 22Page - Microchip Technology USB2250I Datasheet HTML 23Page - Microchip Technology USB2250I Datasheet HTML 24Page - Microchip Technology USB2250I Datasheet HTML 25Page - Microchip Technology USB2250I Datasheet HTML 26Page - Microchip Technology USB2250I Datasheet HTML 27Page - Microchip Technology USB2250I Datasheet HTML 28Page - Microchip Technology USB2250I Datasheet HTML 29Page - Microchip Technology USB2250I Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 26
 2009 - 2015 Microchip Technology Inc.
7.2.3.19
9Ch-9Fh: Attribute Byte Descriptions
7.2.4
A0H-A7H: DEVICE POWER CONFIGURATION
The USB2250/50i/51/51i has four internal FETs which can be utilized for card power. This section describes the default
internal configuration. The settings are stored in NVSTORE and provide the following features:
1.
A card can be powered by an external FET or by an internal FET.
2.
The power limit can be set to 100 mA or 200 mA (Default) for the internal FET.
Each media uses two bytes to store its device power configuration. Bit 3 selects between internal or external card power
FET options. For internal FET card power control, bits 0 through 2 are used to set the power limit. The “Device Power
Configuration” bits are ignored unless the “Enable Device Power Configuration” bit is set. See Section 7.2.3.19, "9Ch-
9Fh: Attribute Byte Descriptions," on page 26.
Byte
Byte Name
Bit
Description
0
ATT_LB
3:0
Always reads ‘0’.
4
Inquire Manufacturer and Product ID Strings
‘1’ - Use the Inquiry Manufacturer and Product ID Strings.
‘0’ (default) - Use the USB Descriptor Manufacturer and Product ID Strings.
5
Always reads ‘0’.
6
Reverse SD Card Write Protect Sense
‘1’ (default) - SD cards will be write protected when SW_nWP is high, and
writable when SW_nWP is low.
‘0’ - SD cards will be write protected when SW_nWP is low, and writable
when SW_nWP is high.
7
Reserved.
1
ATT_HLB
3:0
Always reads ‘0’.
4
Activity LED True Polarity
‘1’ - Activity LED to Low True.
‘0’ (default) - Activity LED polarity to High True.
5
Common Media Insert / Media Activity LED
‘1’ - The activity LED will function as a common media inserted/media access
LED.
‘0’ (default) - The activity LED will remain in its idle state until media is
accessed.
6
Always reads ‘0’.
7
Reserved.
2
ATT_LHB
0
Attach on Card Insert / Detach on Card Removal
‘1’ - Attach on Insert is enabled.
‘0’ (default) - Attach on Insert is disabled.
1
Always reads ‘0’.
2
Enable Device Power Configuration
‘1’ - Custom Device Power Configuration stored in the NVSTORE is used.
‘0’ (default) - Default Device Power Configuration is used.
7:3
Always reads ‘0’.
3
ATT_HB
6:0
Always reads ‘0’.
7
xD Player Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com