Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251I Datasheet(PDF) 32 Page - Microchip Technology

Part # USB2251I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251I Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB2251I Datasheet HTML 28Page - Microchip Technology USB2251I Datasheet HTML 29Page - Microchip Technology USB2251I Datasheet HTML 30Page - Microchip Technology USB2251I Datasheet HTML 31Page - Microchip Technology USB2251I Datasheet HTML 32Page - Microchip Technology USB2251I Datasheet HTML 33Page - Microchip Technology USB2251I Datasheet HTML 34Page - Microchip Technology USB2251I Datasheet HTML 35Page - Microchip Technology USB2251I Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 32
USB2250/50i/51/51i
8.0
AC SPECIFICATIONS
8.1
Oscillator/Crystal
Parallel Resonant, Fundamental Mode, 24 MHz
350 ppm.
Note 8-1
C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL and should
be set to ‘0’ for use in the calculation of the capacitance formulas in Figure 8-2, "Capacitance
Formulas". However, the OEM PCB itself may present a parasitic capacitance between XTAL1 and
XTAL2. For an accurate calculation of C1 and C2, take the parasitic capacitance between traces
XTAL1 and XTAL2 into account.
Note 8-2
Each of these capacitance values is typically approximately 18 pF.
FIGURE 8-1:
TYPICAL CRYSTAL CIRCUIT
TABLE 8-1:
CRYSTAL CIRCUIT LEGEND
Symbol
Description
In Accordance With
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (See Note 8-1)
CL
Crystal load capacitance
CB
Total board or trace capacitance
OEM board design
CS
Stray capacitance
Microchip IC and OEM board design
CXTAL
XTAL pin input capacitance
Microchip IC
C1
Load capacitors installed on OEM
board
Calculated values based on Figure 8-2, "Capacitance
Formulas" (See Note 8-2)
C2
FIGURE 8-2:
CAPACITANCE FORMULAS
XTAL1
(CS1 = CB1 + CXTAL1 )
XTAL2
(CS2 = CB2 + CXTAL2 )
C1
C2
CL
1 M
Crystal
C0
C1 = 2 x (CL – C0) – CS1
C2 = 2 x (CL – C0) – CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com