Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251I Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2251I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251I Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2251I Datasheet HTML 9Page - Microchip Technology USB2251I Datasheet HTML 10Page - Microchip Technology USB2251I Datasheet HTML 11Page - Microchip Technology USB2251I Datasheet HTML 12Page - Microchip Technology USB2251I Datasheet HTML 13Page - Microchip Technology USB2251I Datasheet HTML 14Page - Microchip Technology USB2251I Datasheet HTML 15Page - Microchip Technology USB2251I Datasheet HTML 16Page - Microchip Technology USB2251I Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 13
 2009 - 2015 Microchip Technology Inc.
SD Command
SD_CMD
20
I/O12PU
This is a bi-directional signal that connects to
the CMD signal of the SD/MMC device and has
a weak internal pull-up resistor.
SD Write
Protected
SD_WP
105
I/O12
Designates as the Secure Digital card
mechanical write detect pin.
SD Card Detect
SD_nCD
32
I/O12
Designates as the Secure Digital card detection
pin.
USB INTERFACE
USB Bus Data
USB+
USB-
7
8
I/O-U
These pins connect to the USB bus data
signals.
USB Transceiver
Bias
RBIAS
127
I-R
A 12.0 k
, ±1.0% resistor is attached from VSS
to this pin in order to set the transceiver's
internal bias currents.
24 MHz Crystal
Input (External
Clock Input)
XTAL1
(CLKIN)
124
ICLKx
This pin can be connected to one terminal of the
crystal or it can be connected to an external
24/48 MHz clock when a crystal is not used.
The MA[1:0] pins will be sampled while
RESET_N is asserted, and the value will be
latched upon RESET_N negation. This will
determine the clock source and value.
24 MHz Crystal
Output
XTAL2
123
OCLKx
This is the other terminal of the crystal, or it is
left open when an external clock source is used
to drive XTAL1(CLKIN). It may not be used to
drive any external circuitry other than the crystal
circuit.
MEMORY / IO INTERFACE
Memory
Data Bus
MD[7:0]
33
29
30
31
34
35
36
37
I/O12PU
These signals are used to transfer data between
the internal CPU and the external program
memory and have weak internal pull-up
resistors.
TABLE 5-1:
USB2250/50I/51/51I 128-PIN VTQFP PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
128-Pin
VTQFP
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com