Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251I Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2251I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251I Datasheet(HTML) 1 Page - Microchip Technology

  USB2251I Datasheet HTML 1Page - Microchip Technology USB2251I Datasheet HTML 2Page - Microchip Technology USB2251I Datasheet HTML 3Page - Microchip Technology USB2251I Datasheet HTML 4Page - Microchip Technology USB2251I Datasheet HTML 5Page - Microchip Technology USB2251I Datasheet HTML 6Page - Microchip Technology USB2251I Datasheet HTML 7Page - Microchip Technology USB2251I Datasheet HTML 8Page - Microchip Technology USB2251I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 1
General Description
The Microchip USB2250/50i/51/51i is a USB 2.0 com-
pliant, Hi-Speed mass storage class peripheral control-
ler intended for reading and writing to more than 24
popular flash media formats from the CompactFlash®
(CF), SmartMediaTM (SM), xD-Picture CardTM (xD)1,
Memory Stick® (MS), Secure Digital (SD), and MultiMe-
diaCardTM (MMC) families.
The USB2250/50i/51/51i is a fully integrated, single
chip solution capable of ultra high performance opera-
tion. Average sustained transfer rates exceeding 35
MB/s are possible if the media and host can support
those rates.
Highlights
• 128-pin VTQFP (14x14 mm) RoHS compliant
package
• Targeted for applications in which single or
"combo" media sockets are used
• Supports multiple simultaneous card insertions
• Flexible assignment of number of LUNs and how
card types are associated with the LUNs
• Hardware-controlled data flow architecture for all
self-mapped media
• Pipelined hardware support for access to non-
self-mapped media
• Order number with “i” denotes the version that
supports the industrial temperature range of -40ºC
to 85ºC
Hardware Features
• Single chip flash media controller with non-multi-
plexed interface for independent card sockets
• Flash Media Specification Revision Compliance
- CompactFlash 4.1
- Secure Digital 2.0
- MultiMediaCard 4.2
• MMC Streaming Mode support
- Memory Stick 1.43
- Memory Stick Pro Format 1.02
- Memory Stick Duo Format 1.10
- Memory Stick Pro-HG Duo Format 1.01
- xD-Picture Card 1.2
- SmartMedia 1.3
• Extended configuration options
- xD player mode operation
- Socket switch polarities, etc.
• Media Activity LED
• On board 24 MHz crystal driver circuit
• Optional external 24 MHz clock input
- 4 Independent internal card power FETs
- 200 mA each
- "Fold-back" short circuit protection
• 8051 8-bit microprocessor
- 60 MHz - single cycle execution
- 64 KB ROM | 14 KB RAM
• Internal regulator for 1.8 V core operation
• Optimized pinout improves signal routing which
eases implementation for improved signal integ-
rity
OEM Selectable
• Vendor, product, and language IDs
• Manufacturer ID and product strings (28 charac-
ter)
• Serial number string (12h digit max)
• Customizable vendor specific data by optional
use of external serial EEPROM
• Bus- or self-powered selection
• LED blink interval or duration
• Internal power FET configuration
Software Features
• Optimized for low latency interrupt handling
• Reduced memory footprint
• Device Firmware Upgrade (DFU) support of exter-
nal EEPROM or External Flash
- Assembly line support
- End user field upgrade support
- DFU Package consists of driver, firmware,
sample DFU application and source code,
DFU driver API
• Optional custom firmware with up to 128 KB
external ROM
Applications
• Flash Media Card Reader/Writer
• Printers
• Desktop and Mobile PCs
• Consumer A/V
• Media Players/Viewers
• Vista ReadyBoostTM
1.) xD-Picture Card not applicable to USB2251.
USB2250/50i/51/51i
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller


Similar Part No. - USB2251I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2251 SMSC-USB2251 Datasheet
894Kb / 36P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
More results

Similar Description - USB2251I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB97C223 SMSC-USB97C223 Datasheet
274Kb / 20P
Bus Powered USB 2.0 Flash Media Controller
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2640 MICROCHIP-USB2640 Datasheet
691Kb / 60P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com