Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2251I Datasheet(PDF) 37 Page - Microchip Technology

Part # USB2251I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251I Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB2251I Datasheet HTML 33Page - Microchip Technology USB2251I Datasheet HTML 34Page - Microchip Technology USB2251I Datasheet HTML 35Page - Microchip Technology USB2251I Datasheet HTML 36Page - Microchip Technology USB2251I Datasheet HTML 37Page - Microchip Technology USB2251I Datasheet HTML 38Page - Microchip Technology USB2251I Datasheet HTML 39Page - Microchip Technology USB2251I Datasheet HTML 40Page - Microchip Technology USB2251I Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 37
 2009 - 2015 Microchip Technology Inc.
Note 9-5
Output leakage is measured with the current pins in high impedance.
Note 9-6
See The USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
Note 9-7
RBIAS is a 3.3 V tolerant analog pin.
Note 9-8
Output current range is controlled by program software, software disables FET during short circuit
condition.
9.4
Capacitance
TA = 25°C; fc = 1 MHz; VDD, VDDP = 1.8 V
9.5
Package Thermal Specification
Note 9-9
Thermal parameters are measured or estimated for devices with the exposed pad soldered to thermal
vias in a multilayer 2S2P PCB per JESD51. Thermal resistance is measured from the die to the
ambient air.
Supply Current Active
Full Speed
High Speed
ICC
ICC
110
135
140
165
mA
mA
VDD33 = 3.3 V
Supply Current Suspend
ICSBY
350
750
AV
DD33, V = 3.3 V
Industrial Temperature Suspend
ICSBYI
350
950
A
Parameter
Symbol
Limits
Unit
Test Condition
MIN
TYP
MAX
Clock Input Capacitance
CXTAL
2
pF
All pins (except USB pins and
pins under test) are tied to AC
ground.
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
TABLE 9-1:
128-PIN VTQFP PACKAGE THERMAL PARAMETERS
Parameter
Velocity
(meters/sec)
Symbol
Value
Unit
Thermal Resistance
0
JA
55
°C/W
148
245
Junction-to-Top-of-Package
0
JT
18
°C/W
118
218
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com