Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985FTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # A6985FTR
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985FTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button A6985FTR Datasheet HTML 15Page - STMicroelectronics A6985FTR Datasheet HTML 16Page - STMicroelectronics A6985FTR Datasheet HTML 17Page - STMicroelectronics A6985FTR Datasheet HTML 18Page - STMicroelectronics A6985FTR Datasheet HTML 19Page - STMicroelectronics A6985FTR Datasheet HTML 20Page - STMicroelectronics A6985FTR Datasheet HTML 21Page - STMicroelectronics A6985FTR Datasheet HTML 22Page - STMicroelectronics A6985FTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
DocID027738 Rev 2
19/77
A6985F
Functional description
77
The maximum capacitor value has to be limited to guarantee the device can discharge it in
case of thermal shutdown and UVLO events (see Section 5.3.1), so restart the switching
activity ramping the error amplifier reference voltage.
Equation 2
where:
Equation 3
The optional diode prevents to disable the device if the external source drops to ground.
RUP value is selected in order to make the capacitor charge at first approximation
independent from the internal current generator (4
A typ. current capability, see Table 5 on
page 8), so:
Equation 4
where:
Equation 5
represents the SS/INH voltage correspondent to the end of the ramp on the error amplifier
(see Figure 5); refer to Table 5 for VSS START, VFB and SSGAIN parameters.
As a consequence the voltage across the soft-start capacitor can be written as:
Equation 6
RSS_DOWN is selected to guarantee the device stays in inhibit mode when the internal
generator sources 1
A typ. out of the SS/INH pin and VSTEP is not present:
Equation 7
so:
Equation 8
CSS
1 msec
–
RSS_EQ
1
VSS_FINAL 0.9 V
–
600
AR
SS_EQ
–
----------------------------------------------
–


ln
-------------------------------------------------------------------------------------------
RSS_EQ
RUP RDWN
RUP RDWN
+
---------------------------------
=
VSS_FINAL
VSTEP VDIODE
–

RDWN
RUP RDWN
+
----------------------------------
=
VSTEP VDIODE
–
VSS END
–
RUP
----------------------------------------------------------------------- ISS CHARGE 4 A
»
VSS END
VSS START
VFB
SSGAIN
---------------------
+
=
vSS t
VSS_FINAL
1
1e
t
CSS RSS_EQ
---------------------------------
–
–
------------------------------------------
=
RDWN ISS INHIBIT RDWN 1 A
VINH 200 mV
«
RDWN 100 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com