Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985FTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6985FTR
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985FTR Datasheet(HTML) 1 Page - STMicroelectronics

  A6985FTR Datasheet HTML 1Page - STMicroelectronics A6985FTR Datasheet HTML 2Page - STMicroelectronics A6985FTR Datasheet HTML 3Page - STMicroelectronics A6985FTR Datasheet HTML 4Page - STMicroelectronics A6985FTR Datasheet HTML 5Page - STMicroelectronics A6985FTR Datasheet HTML 6Page - STMicroelectronics A6985FTR Datasheet HTML 7Page - STMicroelectronics A6985FTR Datasheet HTML 8Page - STMicroelectronics A6985FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
This is information on a product in full production.
April 2015
DocID027738 Rev 2
1/77
A6985F
38 V 500 mA synchronous step-down switching regulator
with 30 µA quiescent current
Datasheet
- production data
Features
 AECQ100 qualification
 0.5 A DC output current
 4 V to 38 V operating input voltage
 Low consumption mode or low noise mode
 30 µA IQ at light-load (LCM VOUT = 3.3 V)
 8 µA IQ-SHTDWN
 Fixed output voltage (3.3 V and 5 V) or
adjustable from 0.85 V to VIN
 Adjustable fSW (250 kHz - 2 MHz)
 Embedded output voltage supervisor
 Synchronization
 Adjustable soft-start time
 Internal current limiting
 Overvoltage protection
 Output voltage sequencing
 Peak current mode architecture
 RDSON HS = 360 m, RDSON LS = 150 m
 Thermal shutdown
Applications
 Designed for automotive systems
 Battery powered applications
 Car body applications (LCM)
 Car audio and low noise applications (LNM)
Description
The A6985F automotive grade device is a step-
down monolithic switching regulator able to
deliver up to 0.5 A DC. The output voltage
adjustability ranges from 0.85V to VIN. The 100%
duty cycle capability and the wide input voltage
range meet the cold crank and load dump
specifications for automotive systems. The “Low
Consumption Mode” (LCM) is designed for
applications active during car parking, so it
maximizes the efficiency at light-load with
controlled output voltage ripple. The “Low Noise
Mode” (LNM) makes the switching frequency
constant and minimizes the output voltage ripple
overload current range, meeting the low noise
application specification like car audio. The output
voltage supervisor manages the reset phase for
any digital load (µC, FPGA). The RST open
collector output can also implement output
voltage sequencing during the power-up phase.
The synchronous rectification, designed for high
efficiency at medium - heavy load, and the high
switching frequency capability make the size of
the application compact. Pulse by pulse current
sensing on both power elements implements an
effective constant current protection.
HTSSOP16 (RTH = 40 °C/W)
www.st.com


Similar Part No. - A6985FTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
36 V, 400 mA automotive synchronous step-down switching regulator
02-Mar-2017
A6984TR STMICROELECTRONICS-A6984TR Datasheet
4Mb / 47P
36 V, 400 mA automotive synchronous step-down switching regulator
02-Mar-2017
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
A6986F3V3 STMICROELECTRONICS-A6986F3V3 Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
More results

Similar Description - A6985FTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497A TI-TL497A_06 Datasheet
446Kb / 16P
500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
logo
Texas Instruments
TL497A TI-TL497A_15 Datasheet
830Kb / 20P
500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
L6984 STMICROELECTRONICS-L6984 Datasheet
4Mb / 34P
36 V 400 mA synchronous step-down switching regulator
04-Jul-2014
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
36 V, 400 mA automotive synchronous step-down switching regulator
02-Mar-2017
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com