Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985FTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # A6985FTR
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985FTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button A6985FTR Datasheet HTML 41Page - STMicroelectronics A6985FTR Datasheet HTML 42Page - STMicroelectronics A6985FTR Datasheet HTML 43Page - STMicroelectronics A6985FTR Datasheet HTML 44Page - STMicroelectronics A6985FTR Datasheet HTML 45Page - STMicroelectronics A6985FTR Datasheet HTML 46Page - STMicroelectronics A6985FTR Datasheet HTML 47Page - STMicroelectronics A6985FTR Datasheet HTML 48Page - STMicroelectronics A6985FTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
DocID027738 Rev 2
45/77
A6985F
Application notes
77
7
Application notes
7.1
Output voltage adjustment
In A6985F3V3 and A6985F5V the output voltage is fixed by an internal divider GDIV INT (see
Table 5 on page 8).
In A6985F the internal reference is equal to 0.85 V typical, and the output voltage is
adjusted accordingly to Equation 41 (see Figure 32):
Equation 41
where Cr1 capacitor is sometimes useful to increase the small signal phase margin (please
refer to Section 6.5: Compensation network design).
Figure 32. A6985F application circuit
7.2
Switching frequency
A resistor connected to the FSW pin features the selection of the switching frequency. The
pinstrapping is performed at power-up, before the soft-start takes place. The FSW pin is
pinstrapped and then driven floating in order to minimize the quiescent current from VIN.
Please refer toTable 6: fSW selection on page 11 to identify the pull-up / pull-down resistor
value. fSW = 250 kHz / fSW = 500 kHz preferred codifications don't require any external
resistor.
VOUT
VREF
1
R1
R2
-------
+


0.85
1
R1
R2
-------
+


=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com