Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985FTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # A6985FTR
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985FTR Datasheet(HTML) 5 Page - STMicroelectronics

  A6985FTR Datasheet HTML 1Page - STMicroelectronics A6985FTR Datasheet HTML 2Page - STMicroelectronics A6985FTR Datasheet HTML 3Page - STMicroelectronics A6985FTR Datasheet HTML 4Page - STMicroelectronics A6985FTR Datasheet HTML 5Page - STMicroelectronics A6985FTR Datasheet HTML 6Page - STMicroelectronics A6985FTR Datasheet HTML 7Page - STMicroelectronics A6985FTR Datasheet HTML 8Page - STMicroelectronics A6985FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
DocID027738 Rev 2
5/77
A6985F
Pin settings
77
2
Pin settings
2.1
Pin connection
Figure 2. Pin connection (top view)
2.2
Pin description
Table 1. Pin description
No.
Pin
Description
1RST
The RST open collector output is driven low when the output voltage is out of regulation. The RST
is released after an adjustable time DELAY once the output voltage is over the active delay
threshold.
2VCC
Connect a ceramic capacitor (≥ 470 nF) to filter internal voltage reference. This pin supplies the
embedded analog circuitry.
3
SS/INH
An open collector stage can disable the device clamping this pin to GND (INH mode). An internal
current generator (2
A typ.) charges the external capacitor to implement the soft-start.
4
SYNCH/
ISKP
The pin features Master / Slave synchronization in LNM (see Section 7.5 on page 47) and skip
current level selection in LCM (see Section 5.5.2 on page 26).
5FSW
A pull up resistor (E24 series only) to VCC or pull down to GND selects the switching frequency.
Pinstrapping is active only before the soft-start phase to minimize the IC consumption.
6MLF
A pull up resistor (E24 series only) to VCC or pull down to GND selects the low noise mode/low
consumption mode and the active RST threshold. Pinstrapping is active only before the soft-start
phase to minimize the IC consumption.
7
COMP
Output of the error amplifier. The designed compensation network is connected at this pin.
8DELAY
An external capacitor connected at this pin sets the time DELAY to assert the rising edge of the
RST o.c. after the output voltage is over the reset threshold. If this pin is left floating, RST is like
a Power Good.
9
VOUT
Output voltage sensing
10
SGND
Signal GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com