Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25S Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 9Page - STMicroelectronics LNBH25S Datasheet HTML 10Page - STMicroelectronics LNBH25S Datasheet HTML 11Page - STMicroelectronics LNBH25S Datasheet HTML 12Page - STMicroelectronics LNBH25S Datasheet HTML 13Page - STMicroelectronics LNBH25S Datasheet HTML 14Page - STMicroelectronics LNBH25S Datasheet HTML 15Page - STMicroelectronics LNBH25S Datasheet HTML 16Page - STMicroelectronics LNBH25S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
LNBH25S
Pin configuration
DocID026736 Rev 2
13/37
3
Pin configuration
Figure 5: Pin connection (top view)
Table 2: Pin description
Pin
Symbol
Name
Pin function
2
FLT
FLT
Open drain output for IC fault conditions. It is set low in
case of overload (OLF bit) or overheating status (OTF
bit) or power not good (PNG) is detected. To be
connected to pull-up resistor (5 V max.)
3
LX
NMOS drain
Integrated N-channel power MOSFET drain
4
PGND
Power ground
DC-DC converter power ground. To be connected
directly to exposed pad
6
ADDR
Address setting
Two I²C bus addresses available by setting the address
pin level voltage. See Table 16: "Address pin
characteristics"
7
SCL
Serial clock
Clock from I²C bus
8
SDA
Serial data
Bi-directional data from/to I²C bus
9
ISEL
Current
selection
The resistor “RSEL” connected between ISEL and GND
defines the linear regulator current limit threshold. Refer
to Section 2.6: "Output current limit selection" and ISET
bit description in Table 9: "Data 3 (read/write register.
Register address = 0X4)"
15
GND
Analog ground
Analog circuit ground. To be connected directly to the
exposed pad
16
VBYP
Bypass
capacitor
Needed for internal pre-regulator filtering. The VBYP
pin connects an external ceramic capacitor. Any
connection of this pin to external current or voltage
sources may cause permanent damage to the device
DSQOUT DSQIN/
EXTM
VUP
DETIN
NC
VOUT
ADDR
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
12
11
10
19
20
21
22
23
24
GND
NC
VCC
PGND
FLT
NC
LX
SDA
ISEL
NC
NC
NC
NC
VBYP
BPSW
NC
SCL
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
12
11
10
19
20
21
22
23
24
GIPG0907141409LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com