Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25S Datasheet(PDF) 27 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 23Page - STMicroelectronics LNBH25S Datasheet HTML 24Page - STMicroelectronics LNBH25S Datasheet HTML 25Page - STMicroelectronics LNBH25S Datasheet HTML 26Page - STMicroelectronics LNBH25S Datasheet HTML 27Page - STMicroelectronics LNBH25S Datasheet HTML 28Page - STMicroelectronics LNBH25S Datasheet HTML 29Page - STMicroelectronics LNBH25S Datasheet HTML 30Page - STMicroelectronics LNBH25S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
LNBH25S
I²C interface protocol
DocID026736 Rev 2
27/37
Table 12: Status 2 (read register. Register address = 0X1)
Bit
Name
Value
Description
Bit 0 (LSB)
TDET
1
22 kHz tone presence is detected on the DETIN pin
0
No 22 kHz tone is detected on the DETIN pin
Bit 1
N/A
-
Reserved
Bit 2
TMON
1
22 kHz tone present on the DETIN pin is out of TMON
specification threshold: the tone frequency or the ATONE
(tone amplitude) is out of the thresholds guaranteed in the
TMON electrical characteristics
0
22 kHz tone present on the DETIN pin is within TMON
specification thresholds. Refer to Table 19: "22 kHz tone
diagnostic (TMON bit, status 2 register) characteristics"
Bit 3
N/A
-
Reserved
Bit 4
IMON
1
Output current (from VOUT pin) is lower than IMON
specification thresholds
0
Output current (from VOUT pin) is higher than IMON
specifications
Bit 5
N/A
-
Reserved
Bit 6
N/A
-
Reserved
Bit 7(MSB)
N/A
-
Reserved
N/A = reserved bit
All bits reset to 0 at power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com