Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25S Datasheet(PDF) 25 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 21Page - STMicroelectronics LNBH25S Datasheet HTML 22Page - STMicroelectronics LNBH25S Datasheet HTML 23Page - STMicroelectronics LNBH25S Datasheet HTML 24Page - STMicroelectronics LNBH25S Datasheet HTML 25Page - STMicroelectronics LNBH25S Datasheet HTML 26Page - STMicroelectronics LNBH25S Datasheet HTML 27Page - STMicroelectronics LNBH25S Datasheet HTML 28Page - STMicroelectronics LNBH25S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
LNBH25S
I²C interface protocol
DocID026736 Rev 2
25/37
Bit
Name
Value
Description
Bit 6
THERM
1
If thermal protection is active (OTF=1), all VSEL 1..4
bits are reset to “0” and LNB output (VOUT pin) is
disabled. VSEL bits have to be set again by the master
after the overtemperature condition is removed
(OTF=0)
0
If thermal protection is active (OTF=1) the LNB output
(VOUT pin) is automatically enabled as soon as the
overtemperature condition is removed (OTF=0) with
the previous VSEL bits setting
Bit 7(MSB)
COMP
1
DC-DC converter compensation: set to use very low
ESR capacitors or ceramic caps on VUP pin
0
DC-DC converter compensation: set to use standard
electrolytic capacitors on VUP pin
N/A = reserved bit
All bits reset to 0 at power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com