Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25S Datasheet(PDF) 32 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 28Page - STMicroelectronics LNBH25S Datasheet HTML 29Page - STMicroelectronics LNBH25S Datasheet HTML 30Page - STMicroelectronics LNBH25S Datasheet HTML 31Page - STMicroelectronics LNBH25S Datasheet HTML 32Page - STMicroelectronics LNBH25S Datasheet HTML 33Page - STMicroelectronics LNBH25S Datasheet HTML 34Page - STMicroelectronics LNBH25S Datasheet HTML 35Page - STMicroelectronics LNBH25S Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Electrical characteristics
LNBH25S
32/37
DocID026736 Rev 2
Refer to Section 5: "Typical application circuits", TJ from 0 to 85 °C, all data 1..4 register
bits set to “0” unless VSEL1 = 1, TEN =1, RSEL = 11.5 kΩ, DSQIN = high, V
IN = 12 V,
IOUT=50 mA, unless otherwise stated. Typical values are referred to TJ = 25 °C. VOUT =
VOUT pin voltage. See Section 6: "I²C bus interface" and Section 7: "I²C interface
protocol".
Table 19: 22 kHz tone diagnostic (TMON bit, status 2 register) characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ATH-L
Amplitude diagnostic low
threshold
DETIN pin AC coupled
200
300
400
mV
ATH-H
Amplitude diagnostic high
threshold
DETIN pin AC coupled
900
1100
1200
mV
FTH-L
Frequency diagnostic low
thresholds
DETIN pin AC coupled
13
16.5
20
kHz
FTH-H
Frequency diagnostic high
thresholds
DETIN pin AC coupled
24
29.5
38
kHz
If the 22 kHz tone parameters are lower or higher than the above limits, the
TMON I²C bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com