Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5CFQY Datasheet(PDF) 92 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 92 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 88Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 89Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 90Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 91Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 92Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 93Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 94Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 95Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 137 page
background image
Electrical characteristics
RPC56EL60L5
92/137
DocID026934 Rev 1
The following bipolar transistors are supported:
BCP68 from ON Semiconductor
BCX68 from Infineon
The recommended external ballast transistor is the bipolar transistor BCP68 with the gain
range of 85 up to 375 (for IC=500mA, VCE=1V) provided by several suppliers. This includes
the gain variations BCP68-10, BCP68-16 and BCP68-25.The most important parameters for
the interoperability with the integrated voltage regulator are the DC current gain (hFE) and
the temperature coefficient of the gain (XTB). While the specified gain range of most BCP68
vendors is the same, there are slight variations in the temperature coefficient parameter.
RPC56EL60L5 Voltage regulator operation was simulated against the typical variation on
temperature coefficient and against the specified gain range to have a robust design.
Table 16. Characteristics
Symbol
Parameter
Value
Unit
hFE( )
DC current gain (Beta)
85 - 375
—
PD
Maximum power dissipation @
TA=25°C
(1)
1.
derating factor 12mW/degC
1.5
W
ICMaxDC
Maximum peak collector current
1.0
A
VCESAT
Collector-to-emitter saturation
voltage(Max)
600(2)
2.
Adjust resistor at bipolar transistor collector for 3.3V to avoid VCE<VCESAT
mV
VBE
Base-to-emitter voltage (Max)
1.0
V
Table 17. Voltage regulator electrical specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cex
t
External decoupling/
stability capacitor
Min, max values shall
be granted with respect
to tolerance, voltage,
temperature, and aging
variations.
12
—
40
µF
SR
Combined ESR of
external capacitor
—
1
—
100
m
SR
Number of pins for
external decoupling/
stability capacitor
—5
—
—
—
CV1V2
SR
Total capacitance on
1.2 V pins
Ceramic capacitors,
taking into account
tolerance, aging,
voltage and
temperature variation
300
—
900
nF
tSU
Start-up time after
main supply
stabilization
Cload = 10 µF × 4
—
—
2.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com