Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5CFQY Datasheet(PDF) 32 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 32 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 28Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 29Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 30Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 31Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 32Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 33Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 34Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 35Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 137 page
background image
Introduction
RPC56EL60L5
32/137
DocID026934 Rev 1
1.5.40
Voltage regulator / Power Management Unit (PMU)
The on-chip voltage regulator module provides the following features:
Single external rail required
Single high supply required: nominal 3.3 V both for packaged and Known Good Die
option
–
Packaged option requires external ballast transistor due to reduced dissipation
capacity at high temperature but can use embedded transistor if power dissipation
is maintained within package dissipation capacity (lower frequency of operation)
–
Known Good Die option uses embedded ballast transistor as dissipation capacity
is increased to reduce system cost
All I/Os are at same voltage as external supply (3.3 V nominal)
Duplicated Low-Voltage Detectors (LVD) to guarantee proper operation at all stages
(reset, configuration, normal operation) and, to maximize safety coverage, one LVD
can be tested while the other operates (on-line self-testing feature)
1.5.41
Built-In Self-Test (BIST) capability
This device includes the following protection against latent faults:
Boot-time Memory Built-In Self-Test (MBIST)
Boot-time scan-based Logic Built-In Self-Test (LBIST)
Run-time ADC Built-In Self-Test (BIST)
Run-time Built-In Self Test of LVDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com