Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5CFQY Datasheet(PDF) 95 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 95 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 91Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 92Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 93Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 94Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 95Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 96Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 97Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 98Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
DocID026934 Rev 1
95/137
RPC56EL60L5
Electrical characteristics
136
3.9
DC electrical characteristics
Table 18 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx < 3.6 V).
Table 18. DC electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
D
Minimum low level input
voltage
—
–0.1(2)
——
V
VIL
P Maximum level input voltage
—
—
—
0.35 VDD_HV_IOx
V
VIH
P
Minimum high level input
voltage
—
0.65 VDD_HV_IO
x
——
V
VIH
D
Maximum high level input
voltage
——
—
VDD_HV_IOx + 0.1
(2)
,(3)
V
VHYS
T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
——
V
VOL_S
P Slow, low level output voltage
IOL = 1.5 mA
—
—
0.5
V
VOH_S
P Slow, high level output voltage
IOH = –
1.5 mA
VDD_HV_IOx –
0.8
——
V
VOL_M
P
Medium, low level output
voltage
IOL = 2 mA
—
—
0.5
V
VOH_M
P
Medium, high level output
voltage
IOH = –2 mA
VDD_HV_IOx –
0.8
——
V
VOL_F
P Fast, high level output voltage
IOL = 11 mA
—
—
0.5
V
VOH_F
P Fast, high level output voltage
IOH = –
11 mA
VDD_HV_IOx –
0.8
——
V
VOL_SYM
P
Symmetric, high level output
voltage
IOL = 1.5 mA
—
—
0.5
V
VOH_SYM P
Symmetric, high level output
voltage
IOH = –
1.5 mA
VDD_HV_IOx –
0.8
——
V
IINJ
T
DC injection current per pin
(all bi-directional ports)
—–1
—
1
mA
IPU
P Equivalent pull-up current
VIN = VIL
–130
—
—
µA
VIN = VIH
——
–10
IPD
P Equivalent pull-down current
VIN = VIL
10
—
—
µA
VIN = VIH
——
130
IIL
P
Input leakage current
(all bidirectional ports)
TJ = –40 to
+150 °C
-1
—
1
A
Input leakage current
(all ADC input-only ports)(4)
-0.25
—
0.25
Input leakage current
(shared ADC input-only ports)
-0.3
—
0.3
VILR
P RESET, low level input voltage
—
–0.1(2)
—
0.35 VDD_HV_IOx
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com