Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5CFQY Datasheet(PDF) 16 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 12Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 13Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 14Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 15Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 16Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 17Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 18Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 19Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 137 page
background image
Introduction
RPC56EL60L5
16/137
DocID026934 Rev 1
The SRAM module provides the following features:
System SRAM: 128 KB
ECC on 32-bit word (syndrome of 7 bits)
–
ECC covers SRAM bus address
1-bit error correction, 2-bit error detection
Wait states:
–
1 wait state for frequencies =< 120 MHz
–
0 wait states for frequencies =< 80 MHz
1.5.7
Platform flash memory controller
The following list summarizes the key features of the flash memory controller:
Single AHB port interface supports a 64-bit data bus. All AHB aligned and unaligned
reads within the 32-bit container are supported. Only aligned word writes are
supported.
Array interfaces support a 128-bit read data bus and a 64-bit write data bus for each
bank.
Code flash (bank0) interface provides configurable read buffering and page prefetch
support.
–
Four page-read buffers (each 128 bits wide) and a prefetch controller support
speculative reading and optimized flash access.
Single-cycle read responses (0 AHB data-phase wait states) for hits in the buffers. The
buffers implement a least-recently-used replacement algorithm to maximize
performance.
Programmable response for read-while-write sequences including support for stall-
while-write, optional stall notification interrupt, optional flash operation abort , and
optional abort notification interrupt.
Separate and independent configurable access timing (on a per bank basis) to support
use across a wide range of platforms and frequencies.
Support of address-based read access timing for emulation of other memory types.
Support for reporting of single- and multi-bit error events.
Typical operating configuration loaded into programming model by system reset.
The platform flash controller is replicated for each processor.
1.5.8
Platform Static RAM Controller (SRAMC)
The SRAMC module is the platform SRAM array controller, with integrated error detection
and correction.
The main features of the SRAMC provide connectivity for the following interfaces:
XBAR Slave Port (64-bit data path)
ECSM (ECC Error Reporting, error injection and configuration)
SRAM array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com