Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5CFQY Datasheet(PDF) 102 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 102 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 98Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 99Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 100Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 101Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 102Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 103Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 104Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 105Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 137 page
background image
Electrical characteristics
RPC56EL60L5
102/137
DocID026934 Rev 1
3.14
16 MHz RC oscillator electrical characteristics
3.15
ADC electrical characteristics
The device provides a 12-bit Successive Approximation Register (SAR) Analog-to-Digital
Converter.
1.
Considering operation with FMPLL not bypassed.
2.
With FM; the value does not include a possible +2% modulation
3.
“Loss of Reference Frequency” window is the reference frequency range outside of which the FMPLL is in self clocked
mode.
4.
Self clocked mode frequency is the frequency that the FMPLL operates at when the reference frequency falls outside the
fLOR window.
5.
fVCO is the frequency at the output of the VCO; its range is 256–512 MHz.
fSCM is the self-clocked mode frequency (free running frequency); its range is 20–150 MHz.
fSYS = fVCOODF
6.
This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for this
FMPLL, load capacitors should not exceed these limits.
7.
This specification applies to the period required for the FMPLL to relock after changing the MFD frequency control bits in
the synthesizer control register (SYNCR).
8.
This value is determined by the crystal manufacturer and board design.
9.
Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum fSYS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the FMPLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency increase the CJITTER
percentage for a given interval.
10. Proper PC board layout procedures must be followed to achieve specifications.
11. Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of CJITTER and either
fCS or fDS (depending on whether center spread or down spread modulation is enabled).
12. Modulation depth is attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 23. 16 MHz RC oscillator electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fRC
P RC oscillator frequency
TA = 25 °C
—
16
—
MH
z
RCMVAR
P
Fast internal RC oscillator variation over
temperature and supply with respect to fRC at
TA = 25 °C in high-frequency configuration
—
6—
6
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com