Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BOSY Datasheet(PDF) 97 Page - STMicroelectronics

Part # RPC56EL60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSY Datasheet(HTML) 97 Page - STMicroelectronics

Back Button RPC56EL60L5BOSY Datasheet HTML 93Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 94Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 95Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 96Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 97Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 98Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 99Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 100Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 137 page
background image
DocID026934 Rev 1
97/137
RPC56EL60L5
Electrical characteristics
136
IDD_LV_TYP
+ IDD_LV_PLL
(2)
P Operating current
1.2 V supplies
TJ = 25 C
VDD_LV_COR = 1.32 V
LSM mode
—
—
279
mA
TJ = 150 C
VDD_LV_COR = 1.32 V
LSM mode
—
—
318
mA
IDD_LV_TYP +
IDD_LV_PLL
(2)
T Operating current
1.2V supplies
Tj=105
C
VDD_LV_COR = 1.2V
LSM mode
—
—
275
mA
1.2V supplies
Tj=125
C
VDD_LV_COR = 1.2V
LSM mode
—
—
299
mA
IDD_LV_TYP +
IDD_LV_PLL
(2)
T
Operating current
1.2V supplies
Tj=105
C
VDD_LV_COR = 1.2V
DPM Mode
—
—
189
mA
1.2V supplies
Tj=125
C
VDD_LV_COR = 1.2V
DPM Mode
—
—
214
mA
1.2V supplies
Tj=150
C
VDD_LV_COR = 1.2V
DPM Mode
—
—
235
mA
IDD_LV_STOP
T
Operating current
in VDD STOP mode
TJ = 25 C
VDD_LV_COR = 1.32 V
——
20
mA
T
TJ = 55 C
VDD_LV_COR = 1.32 V
——
57
P
TJ = 150 C
VDD_LV_COR = 1.32 V
—
—
105
IDD_LV_HALT
T
Operating current
in VDD HALT mode
TJ = 25 C
VDD_LV_COR = 1.32 V
——
25
mA
T
TJ = 55 C
VDD_LV_COR = 1.32 V
——
64
P
TJ = 150 C
VDD_LV_COR = 1.32 V
——
115
Table 19. Current consumption characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com