Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BOSY Datasheet(PDF) 13 Page - STMicroelectronics

Part # RPC56EL60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RPC56EL60L5BOSY Datasheet HTML 9Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 10Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 11Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 12Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 13Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 14Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 15Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 16Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
DocID026934 Rev 1
13/137
RPC56EL60L5
Introduction
136
1.5
Feature details
1.5.1
High-performance e200z4d core
The e200z4d Power Architecture® core provides the following features:
2 independent execution units, both supporting fixed-point and floating-point operations
Dual issue 32-bit Power Architecture technology compliant
–
5-stage pipeline (IF, DEC, EX1, EX2, WB)
–
In-order execution and instruction retirement
Full support for Power Architecture instruction set and Variable Length Encoding (VLE)
–
Mix of classic 32-bit and 16-bit instruction allowed
–
Optimization of code size possible
Thirty-two 64-bit general purpose registers (GPRs)
Harvard bus (32-bit address, 64-bit data)
–
I-Bus interface capable of one outstanding transaction plus one piped with no wait-
on-data return
–
D-Bus interface capable of two transactions outstanding to fill AHB pipe
I-cache and I-cache controller
–
4 KB, 256-bit cache line (programmable for 2- or 4-way)
No data cache
16-entry MMU
8-entry branch table buffer
Branch look-ahead instruction buffer to accelerate branching
Dedicated branch address calculator
3 cycles worst case for missed branch
Load/store unit
–
Fully pipelined
–
Single-cycle load latency
–
Big- and little-endian modes supported
–
Misaligned access support
–
Single stall cycle on load to use
Single-cycle throughput (2-cycle latency) integer 32 × 32 multiplication
4 – 14 cycles integer 32 × 32 division (average division on various benchmark of nine
cycles)
Single precision floating-point unit
–
1 cycle throughput (2-cycle latency) floating-point 32 × 32 multiplication
–
Target 9 cycles (worst case acceptable is 12 cycles) throughput floating-point 32 ×
32 division
–
Special square root and min/max function implemented
Signal processing support: APU-SPE 1.1
–
Support for vectorized mode: as many as two floating-point instructions per clock
Vectored interrupt support
Reservation instruction to support read-modify-write constructs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com