Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BOSY Datasheet(PDF) 31 Page - STMicroelectronics

Part # RPC56EL60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSY Datasheet(HTML) 31 Page - STMicroelectronics

Back Button RPC56EL60L5BOSY Datasheet HTML 27Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 28Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 29Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 30Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 31Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 32Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 33Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 34Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 137 page
background image
DocID026934 Rev 1
31/137
RPC56EL60L5
Introduction
136
exceptions, etc.), allowing the development tool to interpolate what transpires
between the discontinuities. Thus, static code may be traced.
–
Watchpoint messaging (WPM) via the auxiliary port
–
Watchpoint trigger enable of program and/or data trace messaging
–
Data tracing of instruction fetches via private opcodes
1.5.39
IEEE 1149.1 JTAG Controller (JTAGC)
The JTAGC block provides the means to test chip functionality and connectivity while
remaining transparent to system logic when not in test mode. All data input to and output
from the JTAGC block is communicated in serial format. The JTAGC block is compliant with
the IEEE standard.
The JTAG controller provides the following features:
IEEE Test Access Port (TAP) interface with 5 pins:
–TDI
–TMS
–TCK
–TDO
–JCOMP
Selectable modes of operation include JTAGC/debug or normal system operation
5-bit instruction register that supports the following IEEE 1149.1-2001 defined
instructions:
–BYPASS
–
IDCODE
–EXTEST
–SAMPLE
–
SAMPLE/PRELOAD
3 test data registers: a bypass register, a boundary scan register, and a device
identification register. The size of the boundary scan register is parameterized to
support a variety of boundary scan chain lengths.
TAP controller state machine that controls the operation of the data registers,
instruction register and associated circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com