Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BOSY Datasheet(PDF) 30 Page - STMicroelectronics

Part # RPC56EL60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSY Datasheet(HTML) 30 Page - STMicroelectronics

Back Button RPC56EL60L5BOSY Datasheet HTML 26Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 27Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 28Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 29Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 30Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 31Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 32Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 33Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 137 page
background image
Introduction
RPC56EL60L5
30/137
DocID026934 Rev 1
1.5.37
Junction temperature sensor
The junction temperature sensor provides a value via an ADC channel that can be used by
software to calculate the device junction temperature.
The key parameters of the junction temperature sensor include:
Nominal temperature range from –40 to 150 °C
Software temperature alarm via analog ADC comparator possible
1.5.38
Nexus Port Controller (NPC)
The NPC module provides real-time development support capabilities for this device in
compliance with the IEEE-ISTO 5001-2003. This development support is supplied for MCUs
without requiring external address and data pins for internal visibility.
The NPC block interfaces to the host processor and internal buses to provide development
support as per the IEEE-ISTO 5001-2003 Class 3+, including selected features from Class
4 standard.
The development support provided includes program trace, data trace, watchpoint trace,
ownership trace, run-time access to the MCUs internal memory map and access to the
Power Architecture internal registers during halt. The Nexus interface also supports a JTAG
only mode using only the JTAG pins. The following features are implemented:
Full and reduced port modes
MCKO (message clock out) pin
4 or 12 MDO (message data out) pins(b)
2 MSEO (message start/end out) pins
EVTO (event out) pin
–
Auxiliary input port
EVTI (event in) pin
5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK)
–
Supports JTAG mode
Host processor (e200) development support features
–
Data trace via data write messaging (DWM) and data read messaging (DRM).
This allows the development tool to trace reads or writes, or both, to selected
internal memory resources.
–
Ownership trace via ownership trace messaging (OTM). OTM facilitates
ownership trace by providing visibility of which process ID or operating system
task is activated. An ownership trace message is transmitted when a new
process/task is activated, allowing development tools to trace ownership flow.
–
Program trace via branch trace messaging (BTM). Branch trace messaging
displays program flow discontinuities (direct branches, indirect branches,
b.
4 MDO pins on LQFP144 package, 12 MDO pins on LFBGA257 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com