Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC56EL60L5BOSY Datasheet(PDF) 134 Page - STMicroelectronics

Part # RPC56EL60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSY Datasheet(HTML) 134 Page - STMicroelectronics

Back Button RPC56EL60L5BOSY Datasheet HTML 129Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 130Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 131Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 132Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 133Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 134Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 135Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 136Page - STMicroelectronics RPC56EL60L5BOSY Datasheet HTML 137Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 137 page
background image
Package characteristics
RPC56EL60L5
134/137
DocID026934 Rev 1
TITLE: LFBGA 14x14x1.7 257 F17x17 PITCH 0.8 BALL 0.4
PACKAGE CODE:
JEDEC/EIAJ REFERENCE NUMBER: JEDEC STANDARD NO.95 SECTION 4.5
(Fine pitch, Square Ball Grid Array Package Design Guide)
DIMENSIONS
DATABOOK
(mm)
DRAWING
(mm)
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
NOTES
A
1.70
1.45
(1)
A1
0.21
0.25
0.30
0.35
A2
1.085
1.03
1.085
1.14
A3
0.30
0.26
0.30
0.34
A4
0.80
0.77
0.785
0.80
b
0.35
0.40
0.45
0.35
0.40
0.45
(2)
D
13.85
14.00
14.15
13.85
14.00
14.15
D1
12.80
12.80
E
13.85
14.00
14.15
13.85
14.00
14.15
E1
12.80
12.80
e
0.80
0.80
F
0.6
0.6
ddd
0.12
0.12
eee
0.15
0.15
(3)
fff
0.08
0.08
(4)
NOTES:
(1) - LFBGA stands for
Low profile Fine Pitch Ball Grid Array.
- Low Profile: The total profile height (Dim A) is measured from the seating plane to the top of the component
- The maximum total package height is calculated by the following methodology:
A2 Typ+A1 Typ + (A1²+A3²+A4² tolerance values)
- Low profile: 1.20mm < A
1.70mm / Fine pitch: e < 1.00mm pitch.
(2) – The typical ball diameter before mounting is 0.40mm.
(3) - The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true position
with respect to datums A and B as defined by e. The axis perpendicular to datum C of each ball must lie
within this tolerance zone.
(4) - The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective zone eee above
The axis of each ball must lie simultaneously in both tolerance zones.
(5) - The terminal A1 corner must be identified on the top surface by using a corner chamfer,
ink or metallized markings, or other feature of package body or integral heatslug.
- A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1
corner. Exact shape of each corner is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com