Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5BOSY Datasheet(PDF) 7 Page - STMicroelectronics

Part # RPC564L60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RPC564L60L5BOSY Datasheet HTML 3Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 4Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 5Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 6Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 7Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 8Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 9Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 10Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
DocID026934 Rev 1
7/137
RPC56EL60L5
Introduction
136
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the devices.
This document provides electrical specifications, pin assignments, and package diagrams
for the RPC56EL60L5 series of microcontroller units (MCUs). Microcontroller Reference
Manual and Safety Application Guide are available on request.
1.2
Description
The RPC56EL60L5 series microcontrollers are system-on-chip devices that are built on
Power Architecture technology and contain enhancements that improve the architecture’s fit
in embedded applications, include additional instruction support for digital signal processing
(DSP) and integrate technologies such as an enhanced time processor unit, enhanced
queued analog-to-digital converter, Controller Area Network, and an enhanced modular
input-output system.
The RPC56EL60L5 family of 32-bit microcontrollers is designed to address electrical
hydraulic power steering (EHPS), electric power steering (EPS) and airbag applications.
The advanced and cost-efficient host processor core of the RPC56EL60L5 controller family
complies with the Power Architecture embedded category. It operates at speeds as high as
120 MHz and offers high-performance processing optimized for low power consumption. It
capitalizes on the available development infrastructure of current Power Architecture
devices and is supported with software drivers, operating systems and configuration code to
assist with users’ implementations.
1.3
Device comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com