Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5BOSY Datasheet(PDF) 86 Page - STMicroelectronics

Part # RPC564L60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSY Datasheet(HTML) 86 Page - STMicroelectronics

Back Button RPC564L60L5BOSY Datasheet HTML 82Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 83Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 84Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 85Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 86Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 87Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 88Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 89Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 137 page
background image
Electrical characteristics
RPC56EL60L5
86/137
DocID026934 Rev 1
3.4
Thermal characteristics
VSS_HV_AD0
VSS_HV_AD1
SR
ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—0
0
V
VSS_HV_ADV
SR 3.3 V ADC supply ground
—
0
0
V
VDD_LV_REGCOR
(4)
SR Internal supply voltage
—
—
—
V
VSS_LV_REGCOR
(5)
SR Internal reference voltage
—
0
0
V
VDD_LV_CORx
2
SR Internal supply voltage
—
—
—
V
VSS_LV_CORx
3
SR Internal reference voltage
—
0
0
V
VDD_LV_PLL
2
SR Internal supply voltage
—
—
—
V
VSS_LV_PLL
3
SR Internal reference voltage
—
0
0
V
TA
SR Ambient temperature under bias
fCPU
 120 MHz
–40
125
°C
TJ
SR Junction temperature under bias
—
–40
150
°C
1.
Full functionality cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical characteristics and
I/Os DC electrical specification may not be guaranteed.
2.
VDD_HV_ADR0 and VDD_HV_ADR1 cannot be operated at different voltages, and need to be supplied by the same voltage
source.
3.
VDD_HV_ADRx must always be applied and should be stable before LBIST starts. If this supply is not above its absolute
minimum level, LBIST operations can fail.
4.
Can be connected to emitter of external NPN. Low voltage supplies are not under user control. They are produced by an on-
chip voltage regulator.
5.
For the device to function properly, the low voltage grounds (VSS_LV_xxx) must be shorted to high voltage grounds
(VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external ballast emitter, if one is used.
Table 9. Recommended operating conditions (3.3 V) (continued)
Symbol
Parameter
Conditions
Min(1)
Max
Unit
Table 10. Thermal characteristics for LQFP144 package(1)
Symbol
Parameter
Conditions
Valu
e
Unit
RJA
D
Thermal resistance, junction-to-ambient
natural convection(2)
Single layer board – 1s
44
°C/
W
Four layer board – 2s2p
36
RJMA
D
Thermal resistance, junction-to-ambient forced
convection at 200 ft/min
Single layer board – 1s
35
°C/
W
Four layer board – 2s2p
30
RJB
D
Thermal resistance junction-to-board(3)
—24
°C/
W
RJC
D
Thermal resistance junction-to-case(4)
—8
°C/
W
JT
D
Junction-to-package-top natural convection(5)
—2
°C/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com