Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5BOSY Datasheet(PDF) 96 Page - STMicroelectronics

Part # RPC564L60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSY Datasheet(HTML) 96 Page - STMicroelectronics

Back Button RPC564L60L5BOSY Datasheet HTML 92Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 93Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 94Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 95Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 96Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 97Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 98Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 99Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 137 page
background image
Electrical characteristics
RPC56EL60L5
96/137
DocID026934 Rev 1
3.10
Supply current characteristics
Current consumption data is given in Table 19. These specifications are design targets and
are subject to change per device characterization.
VIHR
P
RESET, high level input
voltage
—
0.65 VDD_HV_IO
x
—VDD_HV_IOx+0.1
(2)
V
VHYSR
D
RESET, Schmitt trigger
hysteresis
—0.1 VDD_HV_IOx
——
V
VOLR
D
RESET, low level output
voltage
IOL = 2 mA
—
—
0.5
V
IPD
D
RESET, equivalent pull-down
current
VIN = VIL
10
—
—
µA
VIN = VIH
——
130
1.
These specifications are design targets and subject to change per device characterization.
2.
“SR” parameter values must not exceed the absolute maximum ratings shown in Table 8.
3.
The max input voltage on the ADC pins is the ADC reference voltage VDD_HV_ADRx.
4.
Measured values are applicable to all modes of the pad i.e. IBE = 0/1 and / or APC= 0/1.
Table 18. DC electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 19. Current consumption characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
IDD_LV_FULL
+ IDD_LV_PLL
T Operating current
1.2 V supplies
TJ = 25 C
VDD_LV_COR = 1.32 V
——
50 mA+
2.18 mA*fCPU[MH
z]
mA
1.2 V supplies
TJ = 150 C
VDD_LV_COR = 1.32 V
——
80 mA+
2.50 mA*fCPU[MH
z]
IDD_LV_TYP
+ IDD_LV_PLL
(2)
T Operating current
1.2 V supplies
TJ = 25 C
VDD_LV_COR = 1.32 V
——
26 +
2.10 mA*fCPU[MH
z]
mA
1.2 V supplies
TJ = 150 C
VDD_LV_COR = 1.32 V
——
41 mA+
2.30 mA*fCPU[MH
z]
IDD_LV_BIST
+ IDD_LV_PLL
T Operating current
1.2 V supplies during
LBIST (full LBIST
configuration)
TJ = 25 C
VDD_LV_COR = 1.32 V
—
—
250
mA
1.2 V supplies during
LBIST (full LBIST
configuration)
TJ = 150 C
VDD_LV_COR = 1.32 V
—
—
290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com