Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5BOSY Datasheet(PDF) 12 Page - STMicroelectronics

Part # RPC564L60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RPC564L60L5BOSY Datasheet HTML 8Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 9Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 10Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 11Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 12Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 13Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 14Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 15Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 137 page
background image
Introduction
RPC56EL60L5
12/137
DocID026934 Rev 1
–
FlexRay module (V2.1 Rev. A) with 2 channels, 64 message buffers and data
rates up to 10 Mbit/s
Two 12-bit analog-to-digital converters (ADCs)
–
16 input channels
–
Programmable cross triggering unit (CTU) to synchronize ADCs conversion with
timer and PWM
Sine wave generator (D/A with low pass filter)
On-chip CAN/UART bootstrap loader
Single 3.0 V to 3.6 V voltage supply
Ambient temperature range –40 °C to 125 °C
Junction temperature range –40 °C to 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com