Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5BOSY Datasheet(PDF) 121 Page - STMicroelectronics

Part # RPC564L60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSY Datasheet(HTML) 121 Page - STMicroelectronics

Back Button RPC564L60L5BOSY Datasheet HTML 117Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 118Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 119Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 120Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 121Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 122Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 123Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 124Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 137 page
background image
DocID026934 Rev 1
121/137
RPC56EL60L5
Electrical characteristics
136
Figure 24. JTAG boundary scan timing
3.20.4
Nexus timing
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15
Table 36. Nexus debug port timing(1)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tMCYC
D MCKO Cycle Time
—
15.6
—
ns
2tMDC
D MCKO Duty Cycle
—
40
60
%
3tMDOV
D MCKO Low to MDO, MSEO, EVTO Data Valid(2)
—
–0.1
0.25
tMCY
C
4tEVTIPW
D EVTI Pulse Width
—
4.0
—
tTCY
C
5tEVTOPW
D EVTO Pulse Width
—
1
tMCY
C
6tTCYC
D TCK Cycle Time(3)
—
62.5
—
ns
7tTDC
D TCK Duty Cycle
—
40
60
%
8
tNTDIS,
tNTMSS
D TDI, TMS Data Setup Time
—
8
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com