Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5BOSY Datasheet(PDF) 132 Page - STMicroelectronics

Part # RPC564L60L5BOSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSY Datasheet(HTML) 132 Page - STMicroelectronics

Back Button RPC564L60L5BOSY Datasheet HTML 128Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 129Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 130Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 131Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 132Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 133Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 134Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 135Page - STMicroelectronics RPC564L60L5BOSY Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 137 page
background image
Package characteristics
RPC56EL60L5
132/137
DocID026934 Rev 1
Table 39. LQFP144 mechanical data
Symbol
mm
inches(1)
1.
Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
1.6
0.0630
A1
0.05
0.15
0.0020
0.0059
A2
1.4
1.35
1.45
0.0551
0.0531
0.0571
b
0.22
0.17
0.27
0.0087
0.0067
0.0106
c
0.09
0.2
0.0035
0.0079
D
22
21.8
22.2
0.8661
0.8583
0.8740
D1
20
19.8
20.2
0.7874
0.7795
0.7953
D3
17.5
0.6890
E
22
21.8
22.2
0.8661
0.8583
0.8740
E1
20
19.8
20.2
0.7874
0.7795
0.7953
E3
17.5
0.6890
e
0.5
0.0197
L
0.6
0.45
0.75
0.0236
0.0177
0.0295
L1
1
0.0394
k
3.5°
0.0°
7.0°
3.5°
0.0°
7.0°
Tolerance
mm
inches
ccc
0.08
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com