Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5COSY Datasheet(PDF) 109 Page - STMicroelectronics

Part # RPC564L60L5COSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSY Datasheet(HTML) 109 Page - STMicroelectronics

Back Button RPC564L60L5COSY Datasheet HTML 105Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 106Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 107Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 108Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 109Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 110Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 111Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 112Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 137 page
background image
DocID026934 Rev 1
109/137
RPC56EL60L5
Electrical characteristics
136
6T128KPPERASE
*(4)
128 KB block pre-program and erase time
800
2600
7500
ms
7T256KPPERASE
*(4)
256 KB block pre-program and erase time
1400 5200
15000
ms
1.
Typical program and erase times represent the median performance and assume nominal supply values and operation at
25C. These values are characterized, but not tested.I
2.
Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for <100
program/erase cycles, nominal supply values and operation at 25C. These values are verified at production test.
3.
Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product life. These
values are characterized, but not tested.
4.
Program times are actual hardware programming times and do not include software overhead.
Table 26. Flash memory timing
Symbol
Parameter
Value
Unit
Min
Typ
Max
TRES
D
Time from clearing the MCR-ESUS or PSUS bit with EHV = 1
until DONE goes low
——
100
ns
TDONE
D
Time from 0 to 1 transition on the MCR-EHV bit initiating a
program/erase until the MCR-DONE bit is cleared
——
5
ns
TPSRT
D
Time between program suspend resume and the next program
suspend request.(1)
100
—
—
s
TESRT
D
Time between erase suspend resume and the next erase
suspend request.(2)
10
ms
1.
Repeated suspends at a high frequency may result in the operation timing out, and the flash module will respond by
completing the operation with a fail code (MCR[PEG] = 0), or the operation not able to finish (MCR[DONE] = 1 during
Program operation). The minimum time between suspends to ensure this does not occur is TPSRT.
2.
If Erase suspend rate is less than TESRT, an increase of slope voltage ramp occurs during erase pulse. This improves erase
time but reduces cycling figure due to overstress
Table 25. Flash memory program and erase electrical specifications
No.
Symbol
Parameter
Typ
(1)
Initial
Max
(2)
Lifetime
Max(3)
Unit
Table 27. Flash memory module life
No
.
Symbol
Parameter
Value
Unit
Minimu
m
Typical
Maximu
m
1P/E
C
Number of program/erase cycles per block for 16 KB,
48 KB, and 64 KB blocks over the operating temperature
range(1)
100000
—
—
cycle
s
2P/E
C
Number of program/erase cycles per block for 128 KB
and 256 KB blocks over the operating temperature
range(1)
1000
100000
(2)
—
cycle
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com