Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC564L60L5COSY Datasheet(PDF) 110 Page - STMicroelectronics

Part # RPC564L60L5COSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSY Datasheet(HTML) 110 Page - STMicroelectronics

Back Button RPC564L60L5COSY Datasheet HTML 106Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 107Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 108Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 109Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 110Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 111Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 112Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 113Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 137 page
background image
Electrical characteristics
RPC56EL60L5
110/137
DocID026934 Rev 1
3.17
SWG electrical characteristics
3
Retentio
n
C
Minimum data retention at 85 °C average ambient
temperature(3)
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–10,000 P/E cycles
Blocks with 10,001–100,000 P/E cycles
20
10
5
—
—
—
—
—
—
year
s
1.
Operating temperature range is TJ from –40 °C to 150 °C. Typical endurance is evaluated at 25 C.
2.
Typical P/E cycles is 100,000 cycles for 128 KB and 256 KB blocks.
3.
Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
Table 27. Flash memory module life (continued)
No
.
Symbol
Parameter
Value
Unit
Minimu
m
Typical
Maximu
m
Table 28. RPC56EL60L5 SWG Specifications
Symbol
Parameter
Value
Minimum
Typical
Maximum
T
Input clock
12 MHz
16 MHz
20 MHz
T
Frequency Range
1kHz
—
50 kHz
T
Peak to Peak(1)
0.4 V
—
2.0V
T
Peak to Peak variation(2)
-6%
—
6%
T
Common Mode(3)
—
1.3 V
—
T
Common Mode variation
-6%
—
6%
T
SiNAD(4)
45 dB
—
—
T
Load C
25 pF
—
100 pF
T
Load I
0
A
—
100
A
T
ESD Pad Resistance(5)
230
—
360
1.
Peak to Peak value is measured with no R or I load.
2.
Peak to Peak excludes noise, SiNAD must be considered.
3.
Common mode value is measured with no R or I load.
4.
SiNAD is measured at Max Peak to Peak voltage.
5.
Internal device routing resistance. ESD pad resistance is in series and must be considered for max Peak to Peak voltages,
depending on application I load and/or R load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com