Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742RI Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP742RI
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742RI Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP742RI Datasheet HTML 1Page - Infineon Technologies AG BSP742RI Datasheet HTML 2Page - Infineon Technologies AG BSP742RI Datasheet HTML 3Page - Infineon Technologies AG BSP742RI Datasheet HTML 4Page - Infineon Technologies AG BSP742RI Datasheet HTML 5Page - Infineon Technologies AG BSP742RI Datasheet HTML 6Page - Infineon Technologies AG BSP742RI Datasheet HTML 7Page - Infineon Technologies AG BSP742RI Datasheet HTML 8Page - Infineon Technologies AG BSP742RI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2004-03-16
Page 4
BSP 742 RI
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 13,5V, unless otherwise specified
min.
typ.
max.
Load Switching Capabilities and Characteristics
On-state resistance
Tj = 25 °C, IL = 0.3 A, Vbb = 9...40 V
Tj = 150 °C
RON
-
-
250
450
350
700
m
Nominal load current
Device on PCB 1)2)
TC = 85 °C, Tj ≤ 150 °C
IL(nom)
0.4
-
-
A
Turn-on time
to 90% VOUT
RL = 47 Ω, VIN = 0 to 10 V
ton
-
-
140
µs
Turn-off time
to 10% VOUT
RL = 47 Ω, VIN = 10 to 0 V
toff
-
-
170
Slew rate on
10 to 30% VOUT,
RL = 47 Ω
dV/dton
-
-
2
V/µs
Slew rate off
70 to 40% VOUT,
RL = 47 Ω
-dV/dtoff
-
-
2
Operating Parameters
Operating voltage
Vbb(on)
5
-
34
V
Undervoltage shutdown of charge pump
Vbb(under)
-
-
5
Undervoltage restart of charge pump
Vbb(u cp)
-
-
5.5
Standby current
VIN = 0 V
Ibb(off)
-
-
26
µA
Leakage output current (included in Ibb(off))
IL(off)
-
-
12
Operating current
VIN = high
IGND
-
-
1.3
mA
1Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air. (see page 17)
2Nominal load current is limited by current limitation (see page 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com