Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742RI Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP742RI
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742RI Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP742RI Datasheet HTML 1Page - Infineon Technologies AG BSP742RI Datasheet HTML 2Page - Infineon Technologies AG BSP742RI Datasheet HTML 3Page - Infineon Technologies AG BSP742RI Datasheet HTML 4Page - Infineon Technologies AG BSP742RI Datasheet HTML 5Page - Infineon Technologies AG BSP742RI Datasheet HTML 6Page - Infineon Technologies AG BSP742RI Datasheet HTML 7Page - Infineon Technologies AG BSP742RI Datasheet HTML 8Page - Infineon Technologies AG BSP742RI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2004-03-16
Page 3
BSP 742 RI
Maximum Ratings at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Supply voltage
Vbb
40
V
Supply voltage for full short circuit protection
Vbb(SC)
Vbb
Continuous input voltage
VIN
-10 ... +16
Load current (Short - circuit current, see page 5) IL
self limited
A
Current through input pin (DC)
IIN
± 5
mA
Operating temperature
Tj
-40 ...+150
°C
Storage temperature
Tstg
-55 ... +150
Power dissipation 1)
Ptot
1.5
W
Inductive load switch-off energy dissipation1)2)
single pulse, (see page 9)
Tj =150 °C, Vbb = 13.5 V, IL = 0.3 A
EAS
800
mJ
Load dump protection2) VLoadDump3)= VA + VS
RI=2Ω, td=400ms, VIN= low or high, VA=13,5V
RL = 45 Ω
VLoaddump
60
V
Electrostatic discharge voltage (Human Body Model)
according to ANSI EOS/ESD - S5.1 - 1993
ESD STM5.1 - 1998
Input pin
all other pins
VESD
± 1
± 5
kV
Thermal Characteristics
Thermal resistance @ min. footprint
Rth(JA)
-
95
-
K/W
Thermal resistance @ 6 cm2 cooling area 1)
Rth(JA)
-
70
83
1Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air. (see page 17)
2not subject to production test, specified by design
3VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839 .
Supply voltages higher than Vbb(AZ) require an external current limit for the GND pin, e.g. with a
150
Ω resistor in GND connection. A resistor for the protection of the input is integrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com